Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9777 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9777
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9777 Datasheet HTML 17Page - Analog Devices AD9777 Datasheet HTML 18Page - Analog Devices AD9777 Datasheet HTML 19Page - Analog Devices AD9777 Datasheet HTML 20Page - Analog Devices AD9777 Datasheet HTML 21Page - Analog Devices AD9777 Datasheet HTML 22Page - Analog Devices AD9777 Datasheet HTML 23Page - Analog Devices AD9777 Datasheet HTML 24Page - Analog Devices AD9777 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
REV. 0
AD9777
–21–
CHARGE
PUMP
PHASE
DETECTOR
CLK+
CLOCK
DISTRIBUTION
CIRCUITRY
VCO
AD9777
CLK–
SPI PORT
INTERNAL SPI
CONTROL
REGISTERS
PLL_LOCK
1 = LOCK
0 = NO LOCK
PLLVDD
LPF
INTERPOLATION
FILTERS,
MODULATORS,
AND DACS
2
8
INTERPOLATION
RATE
CONTROL
PLL DIVIDER
(PRESCALER)
CONTROL
PLL
CONTROL
(PLL ON)
1
INPUT
DATA
LATCHES
MODULATION
RATE
CONTROL
PRESCALER
4
Figure 12. PLL and Clock Circuitry with PLL Enabled
CHARGE
PUMP
PHASE
DETECTOR
CLK+
CLOCK
DISTRIBUTION
CIRCUITRY
VCO
AD9777
CLK–
SPI PORT
INTERNAL SPI
CONTROL
REGISTERS
PLL_LOCK
1 = LOCK
0 = NO LOCK
INTERPOLATION
FILTERS,
MODULATORS,
AND DACS
2
8
INTERPOLATION
RATE
CONTROL
PLL DIVIDER
(PRESCALER)
CONTROL
PLL
CONTROL
(PLL ON)
1
INPUT
DATA
LATCHES
MODULATION
RATE
CONTROL
PRESCALER
4
Figure 13. PLL and Clock Circuitry with PLL Disabled
In addition, if the zero stuffing option is enabled, the VCO will
double its speed again. Phase noise may be slightly higher with
the PLL enabled. Figure 14 illustrates typical phase noise per-
formance of the AD9777 with 2
× interpolation and various
input data rates. The signal synthesized for the phase noise
measurement was a single carrier at a frequency of fDATA/4.
The repetitive nature of this signal eliminated quantization noise
and distortion spurs as a factor in the measurement. Although
the curves blend together in Figure 14, the different conditions
are called out here for clarity.
fDATA
PLL
Prescaler Ratio
125 MSPS
Disabled
125 MSPS
Enabled
div1
100 MSPS
Enabled
div2
75 MSPS
Enabled
div2
50 MSPS
Enabled
div4
FREQUENCY OFFSET – MHz
–80
0
0
–70
–60
–50
–40
–30
–20
–10
–90
–110
–100
12
3
4
5
Figure 14. Phase Noise Performance
It is important to note that the resistor/capacitor needed for the
PLL loop filter is internal on the AD9777. This will suffice unless
the input data rate is below 10 MHz, in which case an external
series RC is required between the LPF and PLLVDD Pins.
POWER DISSIPATION
The AD9777 has three voltage supplies: AVDD, DVDD, and
CLKVDD. Figures 15, 16, and 17 show the current required
from each of these supplies when each is set to the 3.3 V nomi-
nal specified for the AD9777. Power dissipation (PD) can easily
be extracted by multiplying the given curves by 3.3. As Figure 15
shows, IDVDD is very dependent on the input data rate, the
interpolation rate, and the activation of the internal digital
modulator. IDVDD, however, is relatively insensitive to the
modulation rate by itself. In Figure 16, IAVDD shows the same
type of sensitivity to data, interpolation rate, and the modulator
function but to a much lesser degree (<10%). In Figure 17,
ICLKVDD varies over a wide range yet is responsible for only a small
percentage of the overall AD9777 supply current requirements.
fDATA – MHz
050
0
100
150
200
50
100
150
200
250
300
350
400
8
(MOD. ON)
,
4
(MOD. ON)
,
2
(MOD. ON)
,
8
4
2
1
Figure 15. IDVDD vs. fDATA vs. Interpolation Rate,
PLL Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com