Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9803 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9803
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803 Datasheet(HTML) 4 Page - Analog Devices

  AD9803 Datasheet HTML 1Page - Analog Devices AD9803 Datasheet HTML 2Page - Analog Devices AD9803 Datasheet HTML 3Page - Analog Devices AD9803 Datasheet HTML 4Page - Analog Devices AD9803 Datasheet HTML 5Page - Analog Devices AD9803 Datasheet HTML 6Page - Analog Devices AD9803 Datasheet HTML 7Page - Analog Devices AD9803 Datasheet HTML 8Page - Analog Devices AD9803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
REV. 0
AD9803–SPECIFICATIONS
–4–
AUX-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Units
POWER CONSUMPTION
Normal (D-Reg 00)
80
mW
High Speed (D-Reg 01)
110
mW
MAXIMUM CLOCK RATE
18
MHz
PGA
Max Input Range
700
mV p-p
Max Output Range
1000
mV p-p
Digital Gain Control
Gain Control Resolution
8 (Fixed)
Bits
Gain (Selected by the Serial I/F)
Gain(0)
–3.5
dB
Gain(255)
10.5
dB
ACTIVE CLAMP (CLAMP ON)
Clamp Level (Selectable by the Serial I/F)
CLP(0) (E-Reg 00)
34
LSB
CLP(1) (E-Reg 01)
50
LSB
CLP(2) (E-Reg 10)
66
LSB
CLP(3) (E-Reg 11)
18
LSB
TIMING SPECIFICATIONS
1
Pipeline Delay
4 (Fixed)
Cycles
Internal Clock Delay (tID)
5ns
Output Delay (tOD)
20
ns
Output Hold Time (tHOLD)2
ns
NOTES
120 pF loading; timing shown in Figure 2.
Specifications subject to change without notice.
ADC-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Units
POWER CONSUMPTION (Normal D-Reg 00)
65
mW
MAXIMUM CLOCK RATE
18
MHz
ACTIVE CLAMP (Same as AUX-MODE)
TIMING SPECIFICATIONS (Same as AUX-MODE)
Specifications subject to change without notice.
DAC SPECIFICATIONS (DAC1 and DAC2)
Parameter
Min
Typ
Max
Units
RESOLUTION
8 (Fixed)
Bits
MIN OUTPUT
0.1
V
MAX OUTPUT
VDD – 0.1
V
MAX CURRENT LOAD
1
mA
MAX CAPACITIVE LOAD
500
pF
Specifications subject to change without notice.
(TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted)
(TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com