Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9803JST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9803JST
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803JST Datasheet(HTML) 3 Page - Analog Devices

  AD9803JST Datasheet HTML 1Page - Analog Devices AD9803JST Datasheet HTML 2Page - Analog Devices AD9803JST Datasheet HTML 3Page - Analog Devices AD9803JST Datasheet HTML 4Page - Analog Devices AD9803JST Datasheet HTML 5Page - Analog Devices AD9803JST Datasheet HTML 6Page - Analog Devices AD9803JST Datasheet HTML 7Page - Analog Devices AD9803JST Datasheet HTML 8Page - Analog Devices AD9803JST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–3–
REV. 0
AD9803
CCD-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Units
POWER CONSUMPTION
VDD = 2.7
150
mW
VDD = 2.8
170
mW
VDD = 3.0
185
mW
MAXIMUM CLOCK RATE
18
MHz
CDS
Gain
0dB
Allowable CCD Reset Transient
1
500
mV
Max Input Range Before Saturation
1
1000
mV p-p
PGA
Max Input Range
1000
mV p-p
Max Output Range
1000
mV p-p
Digital Gain Control (See Figure 26)
Gain Control Resolution
10 (Fixed)
Bits
Minimum Gain (Code 0)
–3.5
–1.5
0
dB
Low Gain (Code 207)
0
4
8
dB
Medium Gain (Code 437)
15
dB
High Gain (Code 688)
22
26
30
dB
Max Gain (Code 1023)
32
dB
Analog Gain Control (See Figure 25)
PGACONT1 = 0.7 V, PGACONT2 = 1.5 V
4.5
dB
PGACONT1 = 1.8 V, PGACONT2 = 1.5 V
26
dB
BLACK-LEVEL CLAMP
Clamp Level (Selected by the Serial I/F)
CLP(0) (E-Reg 00)
34
LSB
CLP(1) (E-Reg 01)
50
LSB
CLP(2) (E-Reg 10)
66
LSB
CLP(3) (E-Reg 11)
18
LSB
Even-Odd Offset
2
±0.5
LSB
SIGNAL-TO-NOISE RATIO
3 (@ Minimum PGA Gain)
61
dB
TIMING SPECIFICATIONS
4
Pipeline Delay
Even-Odd Offset Correction Disabled
5
Cycles
Even-Odd Offset Correction Enabled
7
Cycles
Internal Clock Delay
5 (t
ID)3
ns
Inhibited Clock Period (tINHIBIT)15
ns
Output Delay (tOD)
20
ns
Output Hold Time (tHOLD)2
ns
ADCCLK, SHP, SHD, Clock Period
47
55.6
ns
ADCCLK Hi-Level, Or Low Level
20
28
ns
SHP, SHD Minimum Pulsewidth
6
10
14
ns
SHP Rising Edge to SHD Rising Edge
20
28
ns
NOTES
1Input Signal Characteristics defined as shown:
50mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL
RANGE
2V MAX
INPUT SIGNAL
W/PBLK
ENABLED
2Even-Odd Offset is described under the Theory of Operation section. The Even-Odd Offset is measured with the Even-Off Offset correction enabled.
3SNR = 20 log
10 (Full-Scale Voltage/RMS Output Noise).
420 pF loading; timing shown in Figure 1.
5Internal aperture delay for actual sampling edge.
6Active Low Clock Pulse Mode (C-Reg 00).
Specifications subject to change without notice.
(TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fSHP = fSHD = fADCCLK = 18 MHz unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com