Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9807JS Datasheet(PDF) 22 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 16Page - Analog Devices AD9807JS Datasheet HTML 17Page - Analog Devices AD9807JS Datasheet HTML 18Page - Analog Devices AD9807JS Datasheet HTML 19Page - Analog Devices AD9807JS Datasheet HTML 20Page - Analog Devices AD9807JS Datasheet HTML 21Page - Analog Devices AD9807JS Datasheet HTML 22Page - Analog Devices AD9807JS Datasheet HTML 23Page - Analog Devices AD9807JS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD9807/AD9805
–22–
REV. 0
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
REF
CML
VINR
AVSS
VING
AVSS
VINB
AVSS
AVDD
ST_LIN
A0
D(11)
D(10)
D(9)
D(8)
D(7)
D(6)
DRVDD
DRVSS
D(5)
D(4)
D(3)
D(2)
D(1)
D(0)
OEB
AD9807
DVDD
C13
0.1µ
AD9807 DATABUS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OEB
C15
0.1µF
DVDD
A2
A1
GAIN
12
C7
0.1µF
C6
10µF
C12
0.1µF
AVDD
C8
0.1µF
C10
0.1µF
C4
0.1µF
AVDD
TP7
TP6
TP5
C1
0.01µF
C2
0.01µF
C3
0.01µF
JP3
JP2
JP1
R7
50
B5
R6
50
B6
R5
50
B7
TP5
C27
0.1µF
+
C28
10µF
+
TP14
TP13
TP16
TP15
C25
10µF
C26
0.1µF
+
+5VD
C18
10µF
C21
0.1µF
+
DVDD
AVSS
AVDD
TP9
STARTLINE
R4
50
B1
PL
PL
PL
PL
STARTLINE
TP10
R3
50
B2
PL
CDS1
TP11
R2
50
B3
PL
CDS2
TP12
R1
50
B4
PL
ADC
ADCCLK
DVDD
8
OFFSET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
C11
0.1µF
Figure 26. AD9807 Evaluation Board (Digital Circuitry Omitted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com