Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9816 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9816
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9816 Datasheet HTML 8Page - Analog Devices AD9816 Datasheet HTML 9Page - Analog Devices AD9816 Datasheet HTML 10Page - Analog Devices AD9816 Datasheet HTML 11Page - Analog Devices AD9816 Datasheet HTML 12Page - Analog Devices AD9816 Datasheet HTML 13Page - Analog Devices AD9816 Datasheet HTML 14Page - Analog Devices AD9816 Datasheet HTML 15Page - Analog Devices AD9816 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9816
–13–
REV. A
Analog-to-Digital Converter
The AD9816 uses a high speed 12-bit ADC core. This CMOS
converter is designed to run at 6 MSPS with good linearity and
noise performance. Figure 19 shows the INL and DNL perfor-
mance of a typical AD9816 device, running at 6 MHz in 3-channel
CDS mode using the timing shown in Figure 1. The following
timing parameters were used: tCRA = 500 ns, tADCLK = 83 ns,
tC1 = 20 ns, tC1C2 = 170 ns, tC1 = 80 ns, tADC2 = 3 ns, tC2AD = 83 ns,
and tC2C1 = 230 ns.
The digital outputs of the AD9816 follow a straight binary
coding scheme. Table VI shows the digital output coding for
the 3 V input span.
0.2
–1.6
0
4095
0.0
–0.2
–0.4
–0.6
–0.8
–1.2
–1.4
1200
400
1600
800
1.0
0.5
–1.0
1.5
2000
2400
2800
3200
3600
0.0
–0.5
0
4095
1200
400
1600
800
2000
2400
2800
3200
3600
MAX INL 0.18
MIN INL –1.46
MAX DNL 0.31
MIN DNL –0.33
Figure 19. Typical Linearity Performance
Table VI. Digital Output Format
Input Voltage
1
Digital Outputs
3.0 – 1 LSB
1111 1111 1111
3.0 – 2 LSB
1111 1111 1110
0.0 + 1 LSB
0000 0000 0001
0.0
0000 0000 0000
NOTE
1Analog input voltage in CDS mode is the difference between the
CCD’s reference and data levels.
3:1
DIFF
MUX
RED
GREEN
BLUE
PGA
PGA
PGA
SELECT
MUX
CONTROL
2
ADCCLK
CDSCLK2
12-BIT ADC
PGAOUT_T
PGAOUT_C
Figure 17. PGA/MUX Circuit Configuration
ANALOG
INPUTS
CDSCLK2
ADCCLK
PGAOUT_T
PGAOUT_C
PIXEL n
BLUE
GREEN
RED
RESET
GREEN(n–1)
BLUE(n–1)
RED(n)
GREEN(n)
BLUE(n)
RESET
4.25V
3.5V
2.75V
Figure 18. PGA Output Voltages (ADC Input Range = 3 V)
Table V. Voltage Swing of PGA Outputs
Analog
Differential
Input
ADC
Voltage
1
PGAOUT_T
PGAOUT_C
Input
0.00
2
2.75
4.25
1.5
1.50
2
3.50
3.50
0.0
3.00
2
4.25
2.75
+1.5
0.00
3
3.125
3.875
0.75
0.75
3
3.50
3.50
0.0
1.50
3
3.875
3.125
+0.75
NOTES
1Analog input voltage in CDS mode is the difference between the CCD’s refer-
ence and data levels.
23.0 V Input Range.
31.5 V Input Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com