Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9840 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9840
Description  Complete 10-Bit 40 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9840 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9840 Datasheet HTML 6Page - Analog Devices AD9840 Datasheet HTML 7Page - Analog Devices AD9840 Datasheet HTML 8Page - Analog Devices AD9840 Datasheet HTML 9Page - Analog Devices AD9840 Datasheet HTML 10Page - Analog Devices AD9840 Datasheet HTML 11Page - Analog Devices AD9840 Datasheet HTML 12Page - Analog Devices AD9840 Datasheet HTML 13Page - Analog Devices AD9840 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9840A
–10–
REV. 0
Table II. Operation Register Contents (Default Value x000)
Optical Black Clamp
Reset
Power-Down Modes
Channel Selection
D10
D9
D8
D7
D6
D5
D4
D3 D2
D1 D0
0
*
0
*
0
*
1
**
0
*
0
Enable Clamping
0 Normal
0
0 Normal Power
0
0
CCD-Mode
1
Disable Clamping
1 Reset all
0
1 Fast Recovery
0
1
AUX1-Mode
Registers
1
0 Standby
1
0
AUX2-Mode
to Default
1
1 Total Power-Down 1
1
Test Only
*Must be set to zero. **Set to one.
Table III. VGA Gain Register Contents (Default Value x096)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
X
0
0
010111112.0
••
••
••
1
1
11111110
35.965
1
1
11111111
36.0
Table IV. Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
X
X
0000
0
000
0
0000
0
001
0.25
0000
0
010
0.5
••
••
••
11111110
63.5
11111111
63.75
Table V. Control Register Contents (Default Value x000)
Data Out
DATACLK
CLP/PBLK
SHP/SHD
CDS Gain
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
0 Enable
0
*
0
*
0 Rising Edge Trigger
0 Active Low
0 Active Low
0 Disabled
** 0*
0
*
0
*
1 Three-State
1 Falling Edge Trigger
1 Active High
1 Active High
1 Enabled
*Must be set to zero.
**When D3 = 0 (CDS Gain Disabled), the CDS Gain Register is fixed at 4 dB (code 63 dec).
Table VI. CDS Gain Register Contents (Default Value x000)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
*
X
X
X
X
X
000000
+4.3
•
•
•
•
•
•
011110
+10.0
100000–2.0
•
•
•
•
•
•
111111+4.0
*Control Register Bit D3 must be set high for the CDS Gain Register to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com