Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0440004.WR Datasheet(PDF) 3 Page - Littelfuse

Part # 0440004.WR
Description  Surface Mount Fuses Ceramic Fuse > 440 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0440004.WR Datasheet(HTML) 3 Page - Littelfuse

  0440004.WR Datasheet HTML 1Page - Littelfuse 0440004.WR Datasheet HTML 2Page - Littelfuse 0440004.WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/440.html for current information.
440 Series
Ceramic Fuse > 440 Series
Materials
Body: Advanced Ceramic
Terminations: Ag / Ni / Sn (100% Lead-free)
Element Cover Coating: Lead-free Glass
Moisture
Sensitivity Level
IPC/JEDECJ-STD-020C,Level1
Solderability
IPC/ECA/JEDECJ-STD-002B,ConditionC
Humidity Test
MIL-STD-202,Method103B,ConditionsD
Resistance to
Solder Heat
MIL-STD-202,Method210F,ConditionB
Product Characteristics
Moisture Resistance
MIL-STD-202, Method 106G
Thermal Shock
MIL-STD-202, Method 107G,
ConditionB
Mechanical Shock
MIL-STD-202,Method213B,
Condition A
Vibration
MIL-STD-202, Method 201A
Vibration,
High Frequency
MIL-STD-202, Method 204D,
Condition D
Dissolution of
Metallization
IPC/ECA/JEDECJ-STD-002C,
Condition D
Terminal Strength
IEC60127-4
Dimensions
3.200 ± .1778
[.126 ± .007]
1.000
[.039]
X
1.500
[.059]
1.800
[.071]
3.500
[.138]
1.000
[.039]
.8179 +.046/ -.076
[.0322 +.0018/ -.003]
0.520 ± .200
[.020 ± .008]
TERMINATION
1.63 + .10/ -.20
[.064 + .004/ -.008]
Packaging
Part Marking System
packaging Option
packaging Specification
Quantity
Quantity &
packaging code
8mm Tape and Reel
EIA-481,IEC60286,Part3
3000
WR
Part Numbering System
0440 008. W R
SERIES
AMP CoDE
quANTITy CoDE
W = 3000 pcs
PACkINg CoDE
R=ReelPack
Amp code
marking code
.250
D
.375
E
.500
F
.750
g
001.
H
1.25
J
01.5
k
1.75
L
002.
N
02.5
o
003.
P
03.5
R
004.
S
005.
T
007.
W
008.
X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com