Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9844 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9844
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9844 Datasheet HTML 8Page - Analog Devices AD9844 Datasheet HTML 9Page - Analog Devices AD9844 Datasheet HTML 10Page - Analog Devices AD9844 Datasheet HTML 11Page - Analog Devices AD9844 Datasheet HTML 12Page - Analog Devices AD9844 Datasheet HTML 13Page - Analog Devices AD9844 Datasheet HTML 14Page - Analog Devices AD9844 Datasheet HTML 15Page - Analog Devices AD9844 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD9844A
–15–
REV. 0
CCD
CCDIN
BUFFER
VOUT
0.1 F
ADCOUT
REGISTER
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVE
CCD
TIMING
CDS/CLAMP
TIMING
AD9844A
Figure 16. System Applications Diagram
APPLICATIONS INFORMATION
The AD9844A is a complete Analog Front End (AFE) product
for digital still camera and camcorder applications. As shown in
Figure 16, the CCD image (pixel) data is buffered and sent to
the AD9844A analog input through a series input capacitor. The
AD9844A performs the dc restoration, CDS, gain adjustment,
black level correction, and analog-to-digital conversion. The
AD9844A’s digital output data is then processed by the image
processing ASIC. The internal registers of the AD9844A—used to
control gain, offset level, and other functions—are programmed
by the ASIC or microprocessor through a 3-wire serial digital
interface. A system timing generator provides the clock signals
for both the CCD and the AFE.
Internal Power-On Reset Circuitry
After power-on, the AD9844A will automatically reset all inter-
nal registers and perform internal calibration procedures. This
takes approximately 1 ms to complete. During this time, normal
clock signals and serial write operations may occur. However,
serial register writes will be ignored until the internal reset opera-
tion is completed. Pin 43 (formerly RSTB on the AD9843
non-A) is no longer used for the reset operation. Toggling Pin
43 in the AD9844A will have no effect.
Grounding and Decoupling Recommendations
As shown in Figure 17, a single ground plane is recommended
for the AD9844A. This ground plane should be as continu-
ous as possible, particularly around Pins 25 through 39. This will
ensure that all analog decoupling capacitors provide the lowest
possible impedance path between the power and bypass pins
and their respective ground pins. All decoupling capacitors
should be located as close as possible to the package pins. A
single clean power supply is recommended for the AD9844A, but
a separate digital driver supply may be used for DRVDD (Pin
13). DRVDD should always be decoupled to DRVSS (Pin 14),
which should be connected to the analog ground plane. Advan-
tages of using a separate digital driver supply include using a
lower voltage (2.7 V) to match levels with a 2.7 V ASIC, reducing
digital power dissipation, and reducing potential noise coupling.
If the digital outputs (Pins 3–12) must drive a load larger than
20 pF, buffering is recommended to reduce digital code transi-
tion noise. Alternatively, placing series resistors close to the
digital output pins may help reduce noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com