Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 2 Page - Analog Devices

  AD9854 Datasheet HTML 1Page - Analog Devices AD9854 Datasheet HTML 2Page - Analog Devices AD9854 Datasheet HTML 3Page - Analog Devices AD9854 Datasheet HTML 4Page - Analog Devices AD9854 Datasheet HTML 5Page - Analog Devices AD9854 Datasheet HTML 6Page - Analog Devices AD9854 Datasheet HTML 7Page - Analog Devices AD9854 Datasheet HTML 8Page - Analog Devices AD9854 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
–2–
REV. 0
AD9854–SPECIFICATIONS (V
S = 3.3 V
5%, RSET = 3.9 k
external reference clock frequency = 30 MHz with
REFCLK Multiplier enabled at 10
for AD9854ASQ, external reference clock frequency = 20 MHz with REFCLK Multiplier enabled at 10
for
AD9854AST unless otherwise noted.)
Test
AD9854ASQ
AD9854AST
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS1
Internal Clock Frequency Range
FULL
VI
5
300
5
200
MHz
External REF Clock Frequency Range
REFCLK Multiplier Enabled
FULL
VI
5
75
5
50
MHz
REFCLK Multiplier Disabled
FULL
VI
5
300
5
200
MHz
Duty Cycle
25
°C
IV
455055
455055
%
Input Capacitance
25
°CIV
3
3
pF
Input Impedance
25
°C
IV
100
100
k
Ω
Differential Mode Common-Mode Voltage Range
Minimum Signal Amplitude
25
°C
IV
800
800
mV p-p
Common-Mode Range
25
°C
IV
1.6
1.75
1.9
1.6
1.75
1.9
V
VIH (Single-Ended Mode)
25
°C
IV
2.3
2.3
V
VIL (Single-Ended Mode)
25
°CIV
1
1
V
DAC STATIC OUTPUT CHARACTERISTICS
Output Update Speed
FULL
I
300
200
MSPS
Resolution
25
°C
IV
12
12
Bits
I and Q Full-Scale Output Current
25
°C
IV
5
10
20
5
10
20
mA
I and Q DAC DC Gain Imbalance
2
25
°C
I
–0.5
+0.15
+0.5
–0.5
+0.15
+0.5
dB
Gain Error
25
°C
I
–6
+2.25
–6
+2.25
% FS
Output Offset
25
°CI
2
2
µA
Differential Nonlinearity
25
°C
I
0.3
1.25
0.3
1.25
LSB
Integral Nonlinearity
25
°C
I
0.6
1.66
0.6
1.66
LSB
Output Impedance
25
°C
IV
100
100
k
Ω
Voltage Compliance Range
25
°C
I
–0.5
+1.0
–0.5
+1.0
V
DAC DYNAMIC OUTPUT CHARACTERISTICS
I and Q DAC Quad. Phase Error
25
°C
IV
0.2
1
0.2
1
Degrees
DAC Wideband SFDR
1 MHz to 20 MHz AOUT
25
°C
V
58
58
dBc
20 MHz to 40 MHz AOUT
25
°C
V
56
56
dBc
40 MHz to 60 MHz AOUT
25
°C
V
52
52
dBc
60 MHz to 80 MHz AOUT
25
°C
V
48
48
dBc
80 MHz to 100 MHz AOUT
25
°C
V
48
48
dBc
100 MHz to 120 MHz AOUT
25
°C
V
48
dBc
DAC Narrowband SFDR
10 MHz AOUT (± 1 MHz)
25
°C
V
83
83
dBc
10 MHz AOUT (± 250 kHz)
25
°C
V
83
83
dBc
10 MHz AOUT (± 50 kHz)
25
°C
V
91
91
dBc
41 MHz AOUT (± 1 MHz)
25
°C
V
82
82
dBc
41 MHz AOUT (± 250 kHz)
25
°C
V
84
84
dBc
41 MHz AOUT (± 50 kHz)
25
°C
V
89
89
dBc
119 MHz AOUT (± 1 MHz)
25
°C
V
71
dBc
119 MHz AOUT (± 250 kHz)
25
°C
V
77
dBc
119 MHz AOUT (± 50 kHz)
25
°C
V
83
dBc
Residual Phase Noise
(AOUT = 5 MHz, Ext. CLK = 30 MHz,
REFCLK Multiplier Engaged at 10
×)
1 kHz Offset
25
°C
V
140
140
dBc/Hz
10 kHz Offset
25
°C
V
138
138
dBc/Hz
100 kHz Offset
25
°C
V
142
142
dBc/Hz
(AOUT = 5 MHz, Ext. CLK = 300 MHz,
REFCLK Multiplier Bypassed)
1 kHz Offset
25
°C
V
142
142
dBc/Hz
10 kHz Offset
25
°C
V
148
148
dBc/Hz
100 kHz Offset
25
°C
V
152
152
dBc/Hz
Pipeline Delays
Phase Accumulator and DDS Core
25
°C
IV
17
17
SysClk Cycles
Inverse Sinc Filter
25
°C
IV
12
12
SysClk Cycles
Digital Multiplier
25
°C
IV
10
10
SysClk Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com