Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9856 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 4 Page - Analog Devices

  AD9856 Datasheet HTML 1Page - Analog Devices AD9856 Datasheet HTML 2Page - Analog Devices AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9856
–4–
REV. B
Pin #
Pin Name
Pin Function
1
TxENABLE
Input Pulse that Synchronizes
the Data Stream
2
D11
Input Data (Most Significant Bit)
3
D10
Input Data
4, 10,
21, 44
DVDD
Digital Supply Voltage
5, 11,
20, 43
DGND
Digital Ground
6–9
D9–D6
Input Data
12–16
D5–D1
Input Data
17
D0
Input Data (Least Significant
Bit)
18, 19,
22
NC
No Internal Connection
23, 28,
31
AGND
Analog Ground
24
BG REF BYPASS
No External Connection*
25
DAC RSET
RSET Resistor Connection
26
DAC REF BYPASS
No External Connection*
27
AVDD
Analog Supply Voltage
Pin #
Pin Name
Pin Function
29
IOUTB
Complementary Analog
Current Output of the DAC
30
IOUT
True Analog Current Output
of DAC
32
PLL GND
PLL Ground
33
PLL FILTER
PLL Loop Filter Connection
34
PLL SUPPLY
PLL Voltage Supply
35
CA ENABLE
Cable Driver Amp Enable
36
CA DATA
Cable Driver Amp Data
37
CA CLK
Cable Driver Amp Clock
38
CS
Chip Select
39
SDO
Serial Data Output
40
SDIO
Serial Port I/O
41
SCLK
Serial Port Clock
42
SYNC I/O
Performs I/O Synchronization
45
PS0
Profile Select 0
46
PS1
Profile Select 1
47
REFCLK
Reference Clock Input
48
RESET
Master Reset
PIN FUNCTION DESCRIPTIONS
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38
43 42 41 40
37
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9856
CA DATA
CA ENABLE
PLL SUPPLY
PLL FILTER
PLL GND
AGND
IOUT
TxENABLE
D11
D10
DVDD
DGND
D9
D8
NC = NO CONNECT
D7
D6
DVDD
DGND
IOUTB
AGND
AVDD
DAC REF BYPASS
D5
DAC RSET
*In most cases optimal performance is achieved with no external connection. For extremely noisy environments BG REF BYPASS can be bypassed with up to a
0.1
µF capacitor to AGND (Pin 23). DAC REF BYPASS can be bypassed with up to a 0.1 µF capacitor to AVDD (Pin 27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com