Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 3 Page - Analog Devices

  AD9857 Datasheet HTML 1Page - Analog Devices AD9857 Datasheet HTML 2Page - Analog Devices AD9857 Datasheet HTML 3Page - Analog Devices AD9857 Datasheet HTML 4Page - Analog Devices AD9857 Datasheet HTML 5Page - Analog Devices AD9857 Datasheet HTML 6Page - Analog Devices AD9857 Datasheet HTML 7Page - Analog Devices AD9857 Datasheet HTML 8Page - Analog Devices AD9857 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
–3–
AD9857
REV. 0
Test
AD9857
Parameter
Temp
Level
Min
Typ
Max
Unit
SPURIOUS POWER (Off Channel, Measured in
Equivalent Bandwidth), Output Attenuated 18 dB
Relative to Full Scale
6.4 MHz Bandwidth
25
°C
IV
–51
dBc
3.2 MHz Bandwidth
25
°C
IV
–54
dBc
1.6 MHz Bandwidth
25
°C
IV
–56
dBc
0.8 MHz Bandwidth
25
°C
IV
–59
dBc
0.4 MHz Bandwidth
25
°C
IV
–62
dBc
0.2 MHz Bandwidth
25
°C
IV
–63
dBc
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
25
°C
I
10
MHz
Minimum Clock Pulsewidth Low (tPWL)25
°CI
30
ns
Minimum Clock Pulsewidth High (tPWH)25
°CI
30
ns
Maximum Clock Rise/Fall Time
25
°CI
1
ms
Minimum Data Setup Time (tDS)25
°CI
30
ns
Minimum Data Hold Time (tDH)25
°CI
0
ns
Maximum Data Valid Time (tDV)25
°CI
35
ns
Wake-Up Time
1
25
°CI
1
ms
Minimum RESET Pulsewidth High (tRH)25
°C
I
5
SYSCLK2 Cycles
Minimum
CS Setup Time
25
°CI
40
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
25
°C
I
2.0
V
Logic “0” Voltage
25
°C
I
0.8
V
Logic “1” Current
25
°CI
5
µA
Logic “0” Current
25
°CI
5
µA
Input Capacitance
25
°CV
3
pF
CMOS LOGIC OUTPUTS (1 mA LOAD)
Logic “1” Voltage
25
°C
I
2.7
mA
Logic “0” Voltage
25
°C
I
0.4
mA
POWER SUPPLY VS CURRENT
3 (All Power Specs
at VDD = 3.3 V, 25
°C, REFCLK = 200 MHz)
Full Operating Conditions
25
°C
I
615
mA
160 MHz Clock (
×16)
25
°C
I
515
mA
120 MHz Clock (
×12)
25
°C
I
400
mA
Burst Operation (25%)
25
°C
I
450
mA
Single-Tone Mode
25
°C
I
310
mA
Power-Down Mode
25
°CI
80
mA
Full-Sleep Mode
25
°C
I
13.5
mA
NOTES
1Wake-Up Time refers to recovery from Full Sleep Mode. The longest time required is for the Reference Clock Multiplier PLL to lock up (if it is being used). The
Wake-Up Time assumes that there is no capacitor on DAC_BP, and that the recommended PLL loop filter values are used. The state of the Reference Clock Multi-
plier lock can be determined by observing the signal on the PLL_LOCK pin.
2SYSCLK refers to the actual clock frequency used on-chip by the AD9857. If the Reference Clock Multiplier is used to multiply the external reference frequency, the
SYSCLK frequency is the external frequency multiplied by the Reference Clock Multiplier multiplication factor. If the Reference Clock Multiplier is not
used, the SYSCLK frequency is the same as the external REFCLK frequency.
3CIC = 2, INV SINC ON, FTW = 40%, PLL OFF, Auto Power-Down Between Burst On, TxENABLE Duty Cycle = 25%.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com