Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9870 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 2 Page - Analog Devices

  AD9870 Datasheet HTML 1Page - Analog Devices AD9870 Datasheet HTML 2Page - Analog Devices AD9870 Datasheet HTML 3Page - Analog Devices AD9870 Datasheet HTML 4Page - Analog Devices AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD9870–SPECIFICATIONS
Parameter
Conditions1
Min
Typ
Max
Unit
OVERALL
Analog Supply Voltage
(VDDA, VDDF, VDDI)
2.7
3.0
3.6
V
Digital Supply Voltage
(VDDD, VDDC, VDDL)
2.7
3.0
3.6
V
Interface Supply Voltage
(VDDH)
1.8
3.6
V
Charge Pump Supply Voltage
(VDDP, VDDQ)
2.7
3.0
5.5
V
Total Current
High IIP3 Setting
42
50.6
mA
SSB Noise Figure @ Max VGA Gain
High IIP3 Setting
12
dB
Low IIP3 Setting
12
dB
Input Third-Order Intercept (IIP3)
High IIP3 Setting
–5
–1
dBm
Low IIP3 Setting
–10
dBm
Input Impedance
360
Ω
Gain Variation Over Temperature
0.6
dB
PREAMP + MIXER
Maximum Input and LO Frequencies
300
MHz
LO SYNTHESIZER
LO Input Frequency
7.75
300
MHz
LO Input Amplitude
0.3
1.0
V p-p
FREF (Reference) Frequency
0.1
25
MHz
FREF Input Amplitude
0.3
3
V p-p
Minimum Charge Pump Output Current
Programmable in 0.625 mA Steps
0.625
mA
Maximum Charge Pump Output Current
Programmable in 0.625 mA Steps
5.000
mA
Charge Pump Output Compliance Voltage
2
0.25
VDDP – 0.25
V
Synthesizer Resolution
6.25
kHz
CLOCK SYNTHESIZER
CLK Input Frequency
13
18
MHz
CLK Input Amplitude
Clock VCO Off
0.3
V p-p
Minimum Charge Pump Output Current
Programmable in 0.625 mA Steps
0.625
mA
Maximum Charge Pump Output Current
Programmable in 0.625 mA Steps
5.000
mA
Charge Pump Output Compliance Voltage
2
0.25
VDDQ – 0.25
V
Synthesizer Resolution
2.2
kHz
SIGMA-DELTA ADC
Resolution
16
Bits
Clock Frequency (fCLK)
13
18
MHz
Center Frequency
fCLK/8
MHz
Dynamic Range
BW = 10 kHz
88
dB
Passband Gain Variation
0.5
dB
DECIMATOR
Decimation Factor
Programmable in Steps of 60
60
960
Passband Width
50
%
Passband Gain Variation
1dB
Alias Attenuation
85
dB
GAIN CONTROL
Programmable Gain Step
16
dB
AGC Gain Range (Continuous)
18
25
60
dB
AGC Attack Time
Programmable
40
7000
µs
SPI
PC Clock Frequency
10
MHz
PD Hold Time
10
ns
SSI
CLKOUT Frequency
1
18
MHz
Output Rise/Fall Time
CMOS Output Mode, Drive Strength = 0
120
ns
CMOS Output Mode, Drive Strength = 1
45
ns
CMOS Output Mode, Drive Strength = 2
16
ns
CMOS Output Mode, Drive Strength = 3
10
ns
OPERATING TEMPERATURE RANGE
Basic Functions
–40
+95
°C
Meets All Specifications
–40
+85
°C
NOTES
1Standard operating mode: high IIP3 setting, synthesizers in normal (not fast acquire) mode, f
CLK = 18 MHz, 25 pF load on SSI output pins: VDDx = 3.0 V.
2Voltage span in which LO (or CLK) charge pump output current is maintained within 5% of nominal value of VDDP/2 (or VDDQ/2).
Specifications subject to change without notice.
(VDDI = VDDF = VDDA = 3.3 V, VDDC = VDDL = 3.3 V, VDDD = VDDH = 3.3 V, VDDQ =
VDDP = 5.0 V, CLK = 18 MSPS, FIF = 73.35 MHz, FLO = 71.1 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com