Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9873 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9873 Datasheet HTML 7Page - Analog Devices AD9873 Datasheet HTML 8Page - Analog Devices AD9873 Datasheet HTML 9Page - Analog Devices AD9873 Datasheet HTML 10Page - Analog Devices AD9873 Datasheet HTML 11Page - Analog Devices AD9873 Datasheet HTML 12Page - Analog Devices AD9873 Datasheet HTML 13Page - Analog Devices AD9873 Datasheet HTML 14Page - Analog Devices AD9873 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
REV. 0
AD9873
–11–
Table I. Register Map
Address
Default
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Hex)
Type
00
SDIO
LSB/MSB
RESET
OSC IN
OSC IN
OSC IN
OSC IN
OSC IN
10
rw
Bidirectional
First
Multiplier
Multiplier
Multiplier
Multiplier
Multiplier
M <4>
M <3>
M <2>
M <1>
M <0>
01
PLL
OSC IN
MCLK
MCLK
MCLK
MCLK
MCLK
MCLK
09
rw
Lock
Divider
Divider
Divider
Divider
Divider
Divider
Divider
Detect
N = 3 (4)
R <5>
R <4>
R <3>
R <2>
R <1>
R <0>
02
Power-Down
Power-Down
Power-Down
Power-Down Power-Down Power-Down Power-Down Power-Down 00
rw
PLL
DAC Tx
Digital Tx
12-Bit ADC
Reference
10-Bit ADC
Reference
8-Bit ADC
12-Bit ADC
10-Bit ADC
03
Sigma-Delta Output 0 Control Word <3:0> LSB
000000
rw
04
Sigma-Delta Output 0 Control Word <11:4> MSB
00
rw
05
Sigma-Delta Output 1 Control Word <3:0> LSB
000000
rw
06
Sigma-Delta Output 1 Control Word <11:4> MSB
00
rw
07
Video Input
Clamp Level Control for Video Input <6:0>
20
rw ADC
Enable
08
ADC Clock
0
ADC Clock
0
0
0
Test
Test
00
rw ADC
Select
Select
12-Bit ADC
10-Bit ADC
09
0
0
0
0
000000
rw
0A
0
0
0
0
000000
rw
0B
0
0
0
0
000000
rw
0C
0
0
0
0
Version <3:0>
0X
r
0D
0
0
0
0
000000
r
0E
0
0
0
0
000000
r
0F
0
0
Profile
Profile
0
Bypass
Spectral
Single-Tone
00
rw Tx
Select <1>
Select <0>
Inv. Sinc
Inversion Tx
Tx Mode
Tx Filter
10
Tx Frequency Turning Word Profile 0 <7:0>
00
rw Tx
11
Tx Frequency Turning Word Profile 0 <15:8>
00
rw Tx
12
Tx Frequency Turning Word Profile 0 <23:16>
00
rw Tx
13
Cable Driver Amplifier Gain Control Profile 0 <7:0>
00
rw Tx
14
Tx Frequency Turning Word Profile 1 <7:0>
00
rw Tx
15
Tx Frequency Turning Word Profile 1 <15:8>
00
rw Tx
16
Tx Frequency Turning Word Profile 1 <23:16>
00
rw Tx
17
Cable Driver Amplifier Gain Control Profile 1 <7:0>
00
rw Tx
18
Tx Frequency Turning Word Profile 2 <7:0>
00
rw Tx
19
Tx Frequency Turning Word Profile 2 <15:8>
00
rw Tx
1A
Tx Frequency Turning Word Profile 2 <23:16>
00
rw Tx
1B
Cable Driver Amplifier Gain Control Profile 2 <7:0>
00
rw Tx
1C
Tx Frequency Turning Word Profile 3 <7:0>
00
rw Tx
1D
Tx Frequency Turning Word Profile 3 <15:8>
00
rw Tx
1E
Tx Frequency Turning Word Profile 3 <23:16>
00
rw Tx
1F
Cable Driver Amplifier Gain Control Profile 3 <7:0>
00
rw Tx
“0” register bits should not be programmed with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com