Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9873-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9873-EB
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9873-EB Datasheet HTML 10Page - Analog Devices AD9873-EB Datasheet HTML 11Page - Analog Devices AD9873-EB Datasheet HTML 12Page - Analog Devices AD9873-EB Datasheet HTML 13Page - Analog Devices AD9873-EB Datasheet HTML 14Page - Analog Devices AD9873-EB Datasheet HTML 15Page - Analog Devices AD9873-EB Datasheet HTML 16Page - Analog Devices AD9873-EB Datasheet HTML 17Page - Analog Devices AD9873-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
REV. 0
AD9873
–14–
Typical Performance Characteristics (V
AS = 3.3 V, VDS = 3.3 V, fOSCIN = 27 MHz, fSYSCLK = 216 MHz, fMCLK = 54 MHz
[M = 8, N = 4], ADC Sample Rate derived directly from fOSCIN, RSET = 10 k
[IOUT = 4 mA], 75
DAC Load, unless otherwise noted)
fSYSCLK – MHz
380
240
120
140
180
220
340
320
280
200
260
240
220
300
360
160
200
TPC 1. Power Consumption vs. Clock Speed, fSYSCLK
DUTY CYCLE – %
340
300
030
70
90
320
310
100
290
50
80
20
40
60
SINGLE-TONE
16-QAM
330
10
TPC 2. Power Consumption vs. Transmit Burst Duty Cycle
TYPICAL POWER CONSUMPTION CHARACTERISTICS (20 MHz Single Tone, unless otherwise noted)
FREQUENCY – MHz
0
–60
06
14
18
–20
–100
–40
20
–80
10
16
48
12
–10
–30
–50
2
–90
–70
TPC 3a. Dual Sideband Spectral Plot, fC = 5 MHz
f = 1 MHz, RSET =10 k
Ω (IOUT = 4 mA), RBW = 1 kHz
FREQUENCY – MHz
0
–60
55
61
69
73
–20
–100
–40
75
–80
65
71
59
63
67
–10
–30
–50
57
–90
–70
TPC 4a. Dual Sideband Spectral Plot, fC = 65 MHz
f = 1 MHz, RSET =10 k
Ω (IOUT = 4 mA), RBW = 1 kHz
DUAL SIDEBAND TRANSMIT SPECTRUM (See Table IV for Dual-Tone Generation.)
FREQUENCY – MHz
0
–60
06
14
18
–20
–100
–40
20
–80
10
16
48
12
–10
–30
–50
2
–90
–70
TPC 3b. Dual Sideband Spectral Plot, fC = 5 MHz
f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA), RBW = 1 kHz
FREQUENCY – MHz
0
–60
55
61
69
73
–20
–100
–40
75
–80
65
71
59
63
67
–10
–30
–50
57
–90
–70
TPC 4b. Dual Sideband Spectral Plot, fC = 65 MHz
f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA), RBW = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com