Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2553FDC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2553FDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2553FDC Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2553FDC Datasheet HTML 1Page - Diodes Incorporated AP2553FDC Datasheet HTML 2Page - Diodes Incorporated AP2553FDC Datasheet HTML 3Page - Diodes Incorporated AP2553FDC Datasheet HTML 4Page - Diodes Incorporated AP2553FDC Datasheet HTML 5Page - Diodes Incorporated AP2553FDC Datasheet HTML 6Page - Diodes Incorporated AP2553FDC Datasheet HTML 7Page - Diodes Incorporated AP2553FDC Datasheet HTML 8Page - Diodes Incorporated AP2553FDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
4 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
500
V
VIN, Vout, V FAULT ,
VILIM,
,
EN
V
EN
V
Voltage on IN, OUT, FAULT , ILIM, EN, EN
-0.3 to +6.5
V
Continuous FAULT sink current
25
mA
ILIM source current
1
mA
Iload
Maximum Continuous Load Current
Internal Limited
A
TJmax
Maximum Junction Temperature
-40 to +150
°C
TST
Storage Temperature Range (Note 4)
-65 to +150
°C
Note:
4. UL Recognized Rating from -30°C to +70°C (Diodes qualified TST from -65°C to +150°C)
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Dissipation Rating Table
Board
Package
Thermal
Resistance
θJA
Thermal
Resistance
θJC
TA ≤ +25°C
Power
Rating
Derating Factor
Above
TA = +25°C
TA = +70°C
Power Rating
TA = +85°C
Power
Rating
High-K (Note 5)
W6
160°C/W
55°C/W
625mW
6.25mW/°C
340mW
250mW
High-K (Note 5)
FDC
120°C/W
34°C/W
833mW
8.33mW/°C
450mW
330mW
Note:
5. The JEDEC high-K (2s2p) board used to derive this data was a 3in x 3in, multilayer board with 1-ounce internal power and ground planes with
2-ounce copper traces on top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
IOUT
Continuous Output Current (-40
°C ≤ TA ≤ +85°C)
0
2.1
A
,
EN
V
EN
V
Enable Voltage
0
5.5
V
VIH
High-Level Input Voltage on EN or
EN
2.0
VIN
V
VIL
Low-Level Input Voltage on EN or
EN
0
0.8
V
RLIM
Current-Limit Threshold Resistor Range
(1% initial tolerance)
10
210
k
Ω
IO
Continuous FAULT Sink Current
0
10
mA
Input De-Coupling Capacitance, IN to GND
0.1
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com