Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9888 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9888
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888 Datasheet(HTML) 2 Page - Analog Devices

  AD9888 Datasheet HTML 1Page - Analog Devices AD9888 Datasheet HTML 2Page - Analog Devices AD9888 Datasheet HTML 3Page - Analog Devices AD9888 Datasheet HTML 4Page - Analog Devices AD9888 Datasheet HTML 5Page - Analog Devices AD9888 Datasheet HTML 6Page - Analog Devices AD9888 Datasheet HTML 7Page - Analog Devices AD9888 Datasheet HTML 8Page - Analog Devices AD9888 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. A
–2–
AD9888–SPECIFICATIONS (V
D = 3.3 V, VDD = 3.3 V, ADC Clock = Maximum Conversion Rate)
Test
AD9888KS-100/-140
1
AD9888KS-170
AD9888KS-205
Parameter
Temp Level Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25
°CI
±0.5 +1.25/–1.0
±0.6 +1.25/–1.0
±0.8 +1.50/–1.0 LSB
Full
VI
+1.35/–1.0
+1.50/–1.0
+1.80/–1.0
LSB
Integral Nonlinearity
25
°CI
±0.5 ±2.0
±0.75 ±2.25
±1.0 ±3.75
LSB
Full
VI
±2.5
±2.75
±4.25
LSB
No Missing Codes
25
°C I
Guaranteed
Guaranteed
Guaranteed
ANALOG INPUT
Input Voltage Range
Minimum
25
°C I
0.5
0.5
0.5
V p-p
Maximum
25
°C I
1.0
1.0
1.0
V p-p
Gain Tempco
25
°C V
100
100
100
ppm/
°C
Input Bias Current
25
°CIV
1
1
1
µA
Full
IV
2
2
2
µA
Input Capacitance
Full
V
3
3
3
pF
Input Resistance
Full
IV
1
1
1
M
Ω
Input Offset Voltage
Full
VI
7
90
7
90
7
90
mV
Input Full-Scale Matching
Full
VI
2.5
9.0
2.5
9.0
2.5
9.0
% FS
Offset Adjustment Range
Full
VI
44
49
53
44
49
53
44
49
53
% FS
REFERENCE OUTPUT
Output Voltage
Full
VI
1.20
1.25
1.30
1.20
1.25
1.30
1.20
1.25
1.30
V
Temperature Coefficient
Full
V
±50
±50
±50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100/140
170
205
MSPS
Minimum Conversion Rate
Full
IV
10
10
10
MSPS
Data to Clock Skew
Full
IV
–1.25
+1.25
–1.25
+1.25
–1.25
+1.25
ns
tBUFF
2
Full
VI
4.7
4.7
4.7
µs
tSTAH
2
Full
VI
4.0
4.0
4.0
µs
tDHO
2
Full
VI
0
0
0
µs
tDAL
2
Full
VI
4.7
4.7
4.7
µs
tDAH
2
Full
VI
4.0
4.0
4.0
µs
tDSU
2
Full
VI
250
250
250
ns
tSTASU
2
Full
VI
4.7
4.7
4.7
µs
tSTOSU
2
Full
VI
4.0
4.0
4.0
µs
HSYNC Input Frequency
Full
IV
15
110
15
110
15
110
kHz
Maximum PLL Clock Rate
Full
VI
100/140
170
205
MHz
Minimum PLL Clock Rate
Full
IV
10
10
10
MHz
PLL Jitter
25
°C IV
470
700
3
450
700
4
440
700
4
ps p-p
Full
IV
1000
3
1000
4
1000
4
ps p-p
Sampling Phase Tempco
Full
IV
15
15
15
ps/
°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
2.5
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
0.8
V
Input Current, High (IIH)
Full
IV
–1.0
–1.0
–1.0
µA
Input Current, Low (IIL)
Full
IV
+1.0
+1.0
+1.0
µA
Input Capacitance
25
°CV
3
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VD – 0.1
VD – 0.1
VD – 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
0
.1
0.1
V
Duty Cycle
DATACK,
DATACK
Full
IV
44
49
55
44
49
55
44
49
55
%
Output Coding
Binary
Binary
Binary
POWER SUPPLY
VD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.6
2.2
3.3
3.6
2.2
3.3
3.6
V
PVD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
ID Supply Current (VD)25
°C V
200
215
230
mA
IDD Supply Current (VDD)
5
25
°C V
50
55
60
mA
IPVD Supply Current (PVD)25
°CV
8
9
10
mA
Total Power Dissipation
Full
VI
850
1050
920
1150
990
1250
mW
Power-Down Supply Current
Full
VI
12
20
12
20
12
20
mA
Power-Down Dissipation
Full
VI
40
66
40
66
40
66
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com