Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52201 Datasheet(PDF) 19 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 19 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 15Page - ELMOS Semiconductor AG E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG E52201 Datasheet HTML 18Page - ELMOS Semiconductor AG E52201 Datasheet HTML 19Page - ELMOS Semiconductor AG E52201 Datasheet HTML 20Page - ELMOS Semiconductor AG E52201 Datasheet HTML 21Page - ELMOS Semiconductor AG E52201 Datasheet HTML 22Page - ELMOS Semiconductor AG E52201 Datasheet HTML 23Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
9.2.10 Misc Application Remarks
Optional, regarding VIN voltage supervision, the accurate threshold at pin ON can be used to implement under-
voltage lock-out for the converter, automatically switching to sleep mode if necessary. In such cases a resistive di-
vider between VIN and GND, connected to ON can be used. The threshold is defined by
Choose the divider impedance significantly lower than the typical input impedance of 7MΩ at pin ON to avoid in-
accuracy. Note, that the divider current directly contributes to the application current consumption.
For reverse polarity protection a diode (or comparable reverse voltage protection measure) for VIN is recommend-
ed. In EMC sensitive environments additional decoupling measures at VIN are recommended.
V VIN ,MIN = V ON ,TH 1 R2
R1
Product ID
V
OUT
I
OUT
Ambient Temp. Range
Package
E522.01_QFN20L4
5V
500mA
-40°C to +125°C
QFN20L4
E522.02_QFN20L4
3.3V
500mA
-40°C to +125°C
QFN20L4
E522.03_QFN20L4
5V
350mA
-40°C to +125°C
QFN20L4
E522.04_QFN20L4
3.3V
350mA
-40°C to +125°C
QFN20L4
E522.05_QFN20L4
1.5V to 40V
500mA
-40°C to +125°C
QFN20L4
E522.06_QFN20L4
1.5V to 40V
350mA
-40°C to +125°C
QFN20L4
E522.07_QFN20L4
5V
1A
-40°C to +125°C
QFN20L4
E522.08_QFN20L4
3.3V
1A
-40°C to +125°C
QFN20L4
E522.09_QFN20L4
1.5V to 40V
1A
-40°C to +125°C
QFN20L4
E522.01_TSSOP16
5V
500mA
-40°C to +125°C
TSSOP16
E522.02_TSSOP16
3.3V
500mA
-40°C to +125°C
TSSOP16
E522.03_TSSOP16
5V
350mA
-40°C to +125°C
TSSOP16
E522.04_TSSOP16
3.3V
350mA
-40°C to +125°C
TSSOP16
E522.05_TSSOP16
1.5V to 40V
500mA
-40°C to +125°C
TSSOP16
E522.06_TSSOP16
1.5V to 40V
350mA
-40°C to +125°C
TSSOP16
10 Ordering Information
Depending on choice of external components, the rectification / free-wheeling diode leakage current has to be
taken into account, because it poses a load to E522.0x, too. If it generates sufficient switching activity to trigger
the duty cycle IDLE condition, the converter will provide nominal output voltage.
Consider the leakage current of the free-wheeling diode for a reverse voltage of V
OUT and the maximum ambient
temperature. The above described measures a,b,c (in most cases choice of inductance L
LXT) can be used to adapt
the applications dimensioning to this additional load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com