Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX93021 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX93021
Description  Telephony/TAM support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93021 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX93021 Datasheet HTML 1Page - Synaptics Incorporated. CX93021 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Dial-Up Modems
Controller-Based Modems
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for communications and consumer applications.
Distinguishing Features
• Controller-based modem, no external
memory required
• Optional Full Duplex Speakerphone with
AEC
• Telephony/TAM support
• V.92, V.34, V.32bis data modulations
• V.17/V.29 Fax Class 1 and Fax Class 2
• SIA Protocol and Contact ID
• V.80 synchronous access mode, synchronous
and asynchronous DTE interface
• V.44/V.42bis and MNP5 data compression
• V.42 and MNP2-4 error correction
• Call Waiting detection and Type II Caller ID
decoding during data mode
• Type I Caller ID decoding
• 63 embedded and upgradeable country
profiles
• Serial NVRAM interface for optional
permanent country profile storage
• Embedded AT commands
• Worldwide pre-tested reference design
Part Number CX93021-2x
Description
CSM92/34/32-SP Serial Modem with
4th Generation SmartDAA and
Speakerphone Support
CSM92/34/32-SP Serial Modem with 4th
Generation SmartDAA and Speakerphone Support
CX93021-2x
Controller-Based Modem with SmartDAA® 4 for
Embedded Applications
Conexant’s CX93021-2x Serial Modem device (CSM92/34/32-SP) is a full
controllered modem supporting V.92 data modulation, 14.4 kbps fax modem
operation, and remote Telephone Answering Machine (TAM) and speakerphone.
The modem also supports V.44/V.42bis/MNP 5 data compression for greater data
throughput and V.42 LAPM/MNP2-4 error correction protocol for increased data
integrity and reliability. The device set is ideal for embedded applications such
as Internet appliances, security systems, home/personal monitoring systems
and other applications that require robust dial-up connectivity and speakerphone
functionality.
The device set offers the smallest footprint consisting of a CX93021-2x V.92
Modem device in a 36-pin Quad Flat-No Lead (QFN), a CX20548 SmartDAA®
4 Line Side Device (LSD) in a 16-pin QFN, and a CX20452 Voice Codec in a
24-pin QFN. The CX93021-2x modem device integrates a Microcontroller Unit
(MCU), a Digital Signal Processor (DSP), internal RAM, internal ROM, and a
SmartDAA System Side Device (SSD) making it independent of host processor
and operating system. The device set has a serial interface and codec interface
for connection to the optional CX20452 Codec for speakerphone applications. It
is also available without the CX20452 Codec for no speakerphone support.
The CX93021-2x modem MCU/DSP performs the command processing, host
interface functions and telephone line signal modulation/demodulation, which
reduces the computational load on the host processor. The modem operates by
executing masked code from internal ROM. The modem features internal RAM
memory that enhances the modem’s flexibility. The modem’s internal RAM can
be used to load new country profiles, override existing country profiles or add
customized firmware code. An optional external serial NVRAM is supported.
The optional external NVRAM adds the convenience of permanent storage, just
like internal RAM, NVRAM can be used to store new country profiles, override
existing ones or add customized firmware code.
Conexant’s SmartDAA 4 line side device builds on three generations of market
leading silicon DAA devices. It eliminates the need for costly analog transformers,
relays and opto-isolators typically used in discrete DAA implementation for
country-specific modem configurations. It’s system-powered, making it the most
reliable and best performing silicon DAA in the market. The SmartDAA 4 LSD
also adds enhanced telephony extension features to the modem’s operation
and other functions such as Call Waiting detection, and Caller ID decoding.
Incorporating Conexant’s proprietary Digital Isolation Barrier (DIB) design and
other innovative DAA features, the SmartDAA 4 architecture simplifies application
design and minimizes layout area. The result is a worldwide reduced system cost
solution using a single bill of materials.
Combined with the optional Codec, the CX93021-2x modem supports Full-duplex
Speakerphone (FDSP) operation using microphone and speaker, as well as other
voice/TAM applications using handset or headset. Speakerphone Mode features


Similar Part No. - CX93021

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX93010 CONEXANT-CX93010 Datasheet
254Kb / 2P
Full turnkey design
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
Full turnkey design
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
Pin compatible with CX90240 chipset
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
Remote Site Management
More results

Similar Description - CX93021

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
Voice-switch circuit for Handsfree speakerphone TAM
logo
Texas Instruments
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
Client Side Telephony DSP
logo
Silicon Laboratories
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
Broadband AND Voice Telephony Solutions
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
Telephony / CATV Uninterruptible Power Supply
logo
CML Microcircuits
CMX208 CMLMICRO-CMX208 Datasheet
337Kb / 25P
ISDN Dual Telephony Protocol Engine
logo
List of Unclassifed Man...
THB-3517 ETC2-THB-3517 Datasheet
2Mb / 2P
Interface Base Board for TAM-3517 Series
TWISTER ETC2-TWISTER Datasheet
1Mb / 1P
Interface Base Board for TAM-3517 Series
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
Client Side Telephony DSP
logo
ADL Embedded Solutions
ADLQ170HDS ADL-ADLQ170HDS Datasheet
938Kb / 2P
Mobile Telephony
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com