| Electronic Components Datasheet Search |
|
AD9884A/PCB Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9884A/PCB Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 24 page ![]() REV. B AD9884A –13– Writing data to specific control registers of the AD9884A requires that the 8-bit address of the control register of interest be written after the slave address has been established. This control register address is the base address for subsequent write operations. The base address autoincrements by one for each byte of data written after the data byte intended for the base address. If more bytes are transferred than there are available addresses, the address will not increment and remain at its maximum value of 0Eh. Any base address higher than 0Eh will not produce an ACKnowledge signal. Data are read from the control registers of the AD9884A in a similar manner. Reading requires two data transfer operations: The base address must be written with the R/ W bit of the slave address byte LOW to set up a sequential read operation. Reading (the R/ W bit of the slave address byte HIGH) begins at the previously established base address. The address of the read register autoincrements after each byte is transferred. To terminate a read/write sequence to the AD9884A, a stop signal must be sent. A stop signal comprises a LOW-to-HIGH transition of SDA while SCL is HIGH. A repeated start signal occurs when the master device driving the serial interface generates a start signal without first generat- ing a stop signal to terminate the current communication. This is used to change the mode of communication (read, write) between the slave and master without releasing the serial interface lines. Serial Interface Read/Write Examples Write to One Control Register • Start Signal • Slave Address Byte (R/ W Bit = LOW) • Base Address Byte • Data Byte to Base Address • Stop Signal tSTOSU tDAH SDA SCL tBUFF tSTAH tDHO tDSU tDAL tSTASU Figure 1. Serial Port Read/Write Timing SDA SCL BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 ACK Figure 2. Serial Interface—Typical Byte Transfer Write to Four Consecutive Control Registers • Start Signal • Slave Address Byte (R/ W Bit = LOW) • Base Address Byte • Data Byte to Base Address • Data Byte to (Base Address + 1) • Data Byte to (Base Address + 2) • Data Byte to (Base Address + 3) • Stop Signal Read from One Control Register • Start Signal • Slave Address Byte (R/ W Bit = LOW) • Base Address Byte • Start Signal • Slave Address Byte (R/ W Bit = HIGH) • Data Byte from Base Address • Stop Signal Read from Four Consecutive Control Registers • Start Signal • Slave Address Byte (R/ W Bit = LOW) • Base Address Byte • Start Signal • Slave Address Byte (R/ W Bit = HIGH) • Data Byte from Base Address • Data Byte from (Base Address + 1) • Data Byte from (Base Address + 2) • Data Byte from (Base Address + 3) • Stop Signal |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |