Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KNA16 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # KNA16
Description  Distributed constant type LC filter. Prevents ringing caused by circuit impedance.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNA16 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  KNA16 Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 3Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMI Filter Array
KNA16 Series (For High-Speed Data Line)
Features
• Distributed constant type LC filter.
Prevents ringing caused by circuit
impedance.
• Stable noise attenuation over wide
frequency range.
• Small and low profile.
• 0pF capacitance between Input-Output
and GND makes the filter suitable for
high speed data interface.
Applications
• Data Lines for Mobile Phones (High
Speed Data Lines)
• High Speed Data Lines for Digital
Equipment
• Terrestrial Digital TV Broadcasting
How to Order
KNA 16 350 C00 MD 7T S
①② ③
④
⑤ ⑥ ⑦
① Series
② Size Code
16
1608 (EIA: 0603)
③ Cut off Frequency
230
230MHz
350
350MHz
550
550MHz
④ Capacitance
C00
0pF
C05
5pF
⑤ Application
MD
For Mobile phone
UD
Wide band (1 seg., DVB-H)
MA
For Mobile phone (for High Speed data)
⑥ Packaging
7T
T&R: 7000 pcs. (KNA16: Std.)
⑦ Termination
S
Std.
Specifications
Part Number
Cut off
Frequency
Capacitance
(
+25/ −20%)
Attenuation
(Typical)
Rated
Current
Rated
Voltage
Operating
Temperature
KNA16350C00MD7TS 350MHz
0pF
800 to 1000MHz (@15dB)
1000 to 2500MHz (@ 6dB)
35mA 25VDC
−25 to +85°C
KNA16230C00UD7TS 230MHz
0pF
470 to 1000MHz (@10dB)
1000 to 2500MHz (@ 6dB)
25mA 25VDC
KNA16550C05MD7TS 550MHz
5pF
800 to 1000MHz (@10dB)
1000 to 2500MHz (@10dB)
35mA 25VDC
•
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH
Attenuation Characteristics
−70
−40
−30
−60
−50
−20
−10
0
10
10
100
1000
10000
Frequency (MHz)
KNA16230C00UD
KNA16350C00MD
KNA16xxxMD/ NU Series
−70
−40
−30
−60
−50
−20
−10
0
10
10
100
1000
10000
Frequency (MHz)
KNA16550C05MA
CODE
L
W
T
Dimensions
1.60
±0.10 0.8±0.10 0.50±0.10
CODE
P
S
G
KNA16350C00MD
KNA16230C00UD
0.40
0.20
±0.075
―
KNA16550C05MA
0.40
0.20
±0.075 0.20±0.075
Dimensions
(Unit: mm)
KNA16350C00MD
KNA16230C00UD
KNA16550C05MA
Recommended Land Pattern
(Unit: mm)
CODE
A
B
C
D
E
F
KNA16350C00MD
KNA16230C00UD
1.20
1.43
0.40
0.23
0.17
0.40
CODE
A
B
C
D
E
F
GH
I
J
LM
KNA16550C05MA
1.20
0.50
0.40
1.43
0.23
0.17
0.40
1.20
1.40
1.80
0.10
0.20
Packaging Specification
• Taping
KNA16 : 7,000/ reel: STD.
(Unit: mm)
W (Standard)
Direction of feed
4.0
KNA16 (Paper)
Cu foil pattern
KNA16350C00MD
KNA16230C00UD
KNA16550C05MA
RoHS Compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com