Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC912A Datasheet(PDF) 2 Page - Analog Devices

Part # ADC912A
Description  CMOS Microprocessor-Compatible 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADC912A Datasheet(HTML) 2 Page - Analog Devices

  ADC912A Datasheet HTML 1Page - Analog Devices ADC912A Datasheet HTML 2Page - Analog Devices ADC912A Datasheet HTML 3Page - Analog Devices ADC912A Datasheet HTML 4Page - Analog Devices ADC912A Datasheet HTML 5Page - Analog Devices ADC912A Datasheet HTML 6Page - Analog Devices ADC912A Datasheet HTML 7Page - Analog Devices ADC912A Datasheet HTML 8Page - Analog Devices ADC912A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
ADC912A–SPECIFICATIONS (V
DD = +5 V
5%, VSS = –11.4 V to –15.75 V, VREFIN = –5 V, Analog Input O V to
10 V; External fCLK = 1.25 MHz; –40 C to +85 C applies to ADC912A/F unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
STATIC ACCURACY
Integral Nonlinearity
INL
–1
+1
LSB
Differential Nonlinearity
DNL
–1
+1
LSB
Offset Error
VZSE
VDD = +5 V, VSS = –12 V
–5
+5
LSB
Gain Error
GFSE
VDD = +5 V, VSS = –12 V
–6
+6
LSB
Full-Scale Tempco
1
TCGFS
5
15
ppm/
°C
ANALOG INPUT
Input Voltage Range
VIN
010
V
Input Current Range
IIN
03
mA
POWER SUPPLIES
Positive Supply Current
IDD
VDD = +5 V
2
57
mA
Negative Supply Current
ISS
VSS = –12 V
2
35
mA
Power Consumption
PDISS
VDD = +5 V
2, V
SS = –12 V
2
70
95
mW
Power Supply Rejection Ratio
PSRR+
∆VDD = ±5%, AIN = 10 V
1/2
4
LSB
PSRR–
∆V
SS =
±5%, A
IN = 10 V
1/2
4
LSB
DIGITAL INPUTS
Logic Input High Voltage
VINH
CS, RD, HBEN
2.4
V
Logic Input Low Voltage
VINL
CS, RD, HBEN
0.8
V
Logic Input Current
IIN
CS, RD, HBEN
±1
µA
Digital Input Capacitance
CIN
Digital Inputs,
CS, RD, HBEN, CLKIN
7
10
pF
DIGITAL OUTPUTS
Logic Input High Voltage
VOH
ISOURCE = 0.2 mA
4
V
Logic Input Low Voltage
VOL
ISINK = 1.6 mA
0.4
V
Three-State Output Leakage
IOZ
D11–D0/8
10
µA
Digital Input Capacitance
COUT
D11–D0/8
1
815
pF
DYNAMIC PERFORMANCE
Conversion Time
TC
fCLK = 1.25 MHz
3
Synchronous Clock
10.4
µs
Asynchronous Clock
10.4
11.2
µs
NOTES
1Guaranteed by design.
2Converter inactive;
CS, RD = High, A
IN = 10 V.
3See Synchronizing Start Conversion information in Converter Operation Details. Typicals (typ) are median values measured at 25
°C. See Typical Performance
Characteristics for additional information.
Specifications subject to change without notice.
3k
CL
DGND
DBN
A. HIGH-Z TO V OH (t3)
AND VOL TO VOH (t6)
CL
3k
DGND
DBN
5V
B. HIGH-Z TO VOL (t3)
AND V OH TO VOL (t6)
Figure 3. Load Circuits for Access Time
3k
10pF
DGND
DBN
A. VOH TO HIGH-Z
10pF
3k
DGND
DBN
5V
B. VOL TO HIGH-Z
Figure 4. Load Circuits for Output Float Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com