Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NPT40
Description  Medical and ITE Safety Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPT40 Datasheet(HTML) 1 Page - Emerson Network Power

  NPT40 Datasheet HTML 1Page - Emerson Network Power NPT40 Datasheet HTML 2Page - Emerson Network Power NPT40 Datasheet HTML 3Page - Emerson Network Power NPT40 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 10.19.11_160
NPT40-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
NPT40 Series
45 Watts
Total Power:
45 - 55 Watts
Input Voltage:
90 - 264 Vac
120 - 300 Vdc
# of Outputs:
Triple
Special Features
•MedicalandITESafetyApprovals
•Universalinput
•Lessthan1Uhigh
•2”x4”footprint
•Overloadandshortcircuit
protection
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•0˚Cto+80˚Coperation
•Inputpower<74watts
•ComplieswithEN61000-3-2
•ClassIapproved
•ClassIIapproved(withClassA
EMI)
•LPX50enclosurekitavailable
•DualACfuses
Safety
•TUV:
60950, 60601-1,
3rd edition
•UL:
60950, 60601-1
•CSA:
60950, 60601-1
•CB:
Certificate and report
3rd edition
•CE:
Mark(LVD)
•CQC: Mark
Electrical Specifications
Input
Inputrange:
90-264Vac(widerange)127-300Vdc
Frequency:
47-440Hz
Inrushcurrent:
<50Apeak@230Vac,coldstart@25°C
Inputpower:
<74Watts
Efficiency:
75%average
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassB
conducted,VDE0878PT3ClassBconducted
Safetygroundleakage
current:
275uA@50/60Hz;264VACinput
Output
MaximumPower:
45Wforconvection
55Wwith30CFMforcedair
Hold-uptime:
10/20ms115/230Vacinputline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110%to145%abovepeakrating
Overvoltageprotection: 5.7to6.7Vdconthemainoutput


Similar Part No. - NPT40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPT40 NAINA-NPT40 Datasheet
155Kb / 2P
Press Fit Triac, 40 Amps
logo
Advanced Energy Industr...
NPT40-M ADVANCEDENERGY-NPT40-M Datasheet
639Kb / 5P
ARTESYN NPT40-M SERIES 55 W
02 4.20
More results

Similar Description - NPT40

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
Medical and ITE approvals
FSP060-1K40M1 FSP-FSP060-1K40M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP060-1K80M1 FSP-FSP060-1K80M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP060-3K10M1 FSP-FSP060-3K10M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP060-3K15M1 FSP-FSP060-3K15M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
Medical and ITE approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
Medical and ITE safety approvals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com