Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDC02815DA Datasheet(PDF) 3 Page - Analog Devices

Part # ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Datasheet(HTML) 3 Page - Analog Devices

  ADDC02815DA Datasheet HTML 1Page - Analog Devices ADDC02815DA Datasheet HTML 2Page - Analog Devices ADDC02815DA Datasheet HTML 3Page - Analog Devices ADDC02815DA Datasheet HTML 4Page - Analog Devices ADDC02815DA Datasheet HTML 5Page - Analog Devices ADDC02815DA Datasheet HTML 6Page - Analog Devices ADDC02815DA Datasheet HTML 7Page - Analog Devices ADDC02815DA Datasheet HTML 8Page - Analog Devices ADDC02815DA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Case
Test
ADDC02812DA
ADDC02815DA
Parameter
Temp
Level Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC CHARACTERISTICS
6
Output Voltage Deviation Due to Step
+25
°CV
IO = ± 2.08 A to ± 4.17 A
0.850
V
Change in Load (12 V)
or
±4.17 A to ±2.08 A
Output Voltage Deviation Due to Step
+25
°CV
IO = ± 1.67 A to ± 3.34 A
0.850
V
Change in Load (15 V)
or
±3.34 A to ±1.67 A
Response Time Due to Step
+25
°CV
IO = ± 2.08 A to ± 4.17 A
150
µs
Change in Load (12 V)
or
±4.17 A to ±2.08 A
di/dt = 0.5 A/
µs, Measured
to Within 2% of Final Value
Response Time Due to Step Change
+25
°CV
IO = ± 1.67 A to ± 3.34 A or
150
µs
in Load (15 V)
±3.34 A to ±1.67 A,
di/dt = 0.5 A/
µs, Measured
to Within 2% of Final Value
Soft Start Turn-On Time (12 V)
+25
°CI
IO = ± 4.17 A, from Inhibit
6
15
ms
High to Status High
Soft Start Turn-On Time (15 V)
+25
°CI
IO = ± 3.34 A, from Inhibit
6
15
ms
High to Status High
THERMAL CHARACTERISTICS
Efficiency (12 V)
+25
°CI
IO = ± 2.5 A
81
85
%
+90
°CVI
IO = ± 2.5 A
81
%
–55
°CVI
IO = ± 2.5 A
80
%
+25
°CI
IO = ± 4.17 A
81
85
%
+90
°CVI
IO = ± 4.17 A
81
%
–55
°CVI
IO = ± 4.17 A
80
%
Efficiency (15 V)
+25
°CI
IO = ± 2.0 A
81
85
%
+90
°CVI
IO = ± 2.0 A
81
%
–55
°CVI
IO = ± 2.0 A
80
%
+25
°CI
IO = ± 3.34 A
81
85
%
+90
°CVI
IO = ± 3.34 A
81
%
–55
°CVI
IO = ± 3.34 A
80
%
Hottest Junction Temperature
7 (12 V)
+90
°CV
IO = ± 4.17 A
110
°C
Hottest Junction Temperature
7 (15 V)
+90
°CV
IO = ± 3.34 A
110
°C
CONTROL CHARACTERISTICS
Clock Frequency (12 V)
Full
VI
IO = ± 0.42 A
0.85
0.99
MHz
Clock Frequency (15 V)
Full
VI
IO = ± 0.34 A
0.85
0.99
MHz
Adjust (Pin 3) VADJ (12 V)
+25
°C I
4.7
4.8
4.9
V
Adjust (Pin 3) VADJ (15 V)
+25
°C I
5.9
6.0
6.1
V
Status (Pin 4)
VOH
+25
°CI
IOH = 400 µA
2.4
4.0
2.4
4.0
V
VOL
+25
°CI
IOL = 1 mA
0.15
0.7
0.15
0.7
V
VAUX (Pin 5)
VO (nom) (12 V)
+25
°CI
IAUX = 5 mA, Load
13.00
13.5
14.00
V
Current =
±4.17 A
VAUX (Pin 5)
VO (nom) (15 V)
+25
°CI
IAUX = 5 mA, Load
13.5
13.9
14.5
V
Current =
±3.34 A
Inhibit (Pin 6)
VIL
+25
°C I
0.5
0.5
V
IIL
+25
°CI
VIL = 0.5 V
1.2
1.2
mA
VI (Open Circuit)
+25
°C I
15
15
V
SYNC (Pin 7)
8
VIH
+25
°C I
4.0
4.0
V
IIH
+25
°CI
VIH = 7.0 V
175
175
µA
ISHARE (Pin 8) (12 V)
+25
°C I
Load Current =
±4.17 A
2.65
2.75
2.85
V
ISHARE (Pin 8) (15 V)
+25
°C I
Load Current =
±3.34 A
2.65
2.75
2.85
V
Temp (Pin 9)
+25
°C V
3.90
3.90
V
NOTES
1Military subgroups apply only to military qualified devices.
250 V dc upper limit rated for transient condition of up to 50 ms. 16 V dc lower limit rated for continuous operation during emergency condition. Steady state and abnormal
input voltage range require source impedance sufficient to insure input stability at low line. See sections entitled System Instability Considerations and Input Voltage Range.
3Measured at the remote sense points.
4Output characteristics tested with balanced loads on each output; however, unit operates with unbalanced loads up to 90%/10% split.
5Regulated output typically performs with less ripple than cross regulated output. 100% test is performed with VD+ regulated and VD– cross regulated.
6C
LOAD = 0.
7Refer to section entitled Thermal Characteristics for more information.
8Unit has internal pull-down; refer to section entitled Pin 7 (SYNC).
Specifications subject to change without notice.
REV. A
–3–
ADDC02812DA/ADDC02815DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com