Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1237_11 Datasheet HTML 1Page - ON Semiconductor NCP1237_11 Datasheet HTML 2Page - ON Semiconductor NCP1237_11 Datasheet HTML 3Page - ON Semiconductor NCP1237_11 Datasheet HTML 4Page - ON Semiconductor NCP1237_11 Datasheet HTML 5Page - ON Semiconductor NCP1237_11 Datasheet HTML 6Page - ON Semiconductor NCP1237_11 Datasheet HTML 7Page - ON Semiconductor NCP1237_11 Datasheet HTML 8Page - ON Semiconductor NCP1237_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
NCP1237
http://onsemi.com
3
SIMPLIFIED INTERNAL BLOCK SCHEMATIC
Reset
Brown−out
CS
FB
−
+
blanking
timer
VDD
−
+
−
+
+
−
+
+
S
R
Q
Soft−start Start
Reset
IC Start
IC Stop
Oscillator
HV
VCC
Latch
−
+
+
Vskip
Protection
Mode
release
timer
Autorecovery
protection
mode only
DRV
HV sample
OVM
BO
Clamp
UVLO
Fault
Reset
Sawtooth
Jitter
HV stop
Brown−out
HV stop
V to I
HV sample
Latch
Dual HV
start−up
current source
VCC
management
HV current
TSD
VDD
UVLO
Reset
TSD
Start
IC Start
Skip
PWM
Soft−start
Reset
VDD
UVLO
Soft−skip ramp
IC stop
TSD
TSD
HV dc
ILIMIT
PWM
Fault Flag
Foldback
FB
GND
FB
Stop
Skip
DMAX
R
S
Q
S
R
Q
−
+
+
blanking
−
+
S
R
Q
−
+
blanking
Brown−out
Reset
Latch
Vclamp
blanking
1 kW
+
+
Soft−start
end
Soft−start end
End
slope
comp.
Figure 3. Simplified Internal Block Schematic
ramp
IOPC = 0.5m x
(VHV−125)
VDD
INTC
INTC
VOVP
VOTP
tLatch(OVP)
tLatch(OTP)
tSSKIP
RFB(up)
KFB
tSSTART
VFB(OPC)
tLEB
tBCS
VCS(tran)
VILIM
ILIMIT
ITRAN
VCS(stop)
ITRAN
DCMAX
DMAX
tfault
ttran
tautorec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com