Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4116 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4116
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4116 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4116 Datasheet HTML 12Page - Analog Devices ADF4116 Datasheet HTML 13Page - Analog Devices ADF4116 Datasheet HTML 14Page - Analog Devices ADF4116 Datasheet HTML 15Page - Analog Devices ADF4116 Datasheet HTML 16Page - Analog Devices ADF4116 Datasheet HTML 17Page - Analog Devices ADF4116 Datasheet HTML 18Page - Analog Devices ADF4116 Datasheet HTML 19Page - Analog Devices ADF4116 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADF4116/ADF4117/ADF4118
–17–
REV. 0
The Initialization Latch
When C2, C1 = 1, 1 then the Initialization Latch is programmed.
This is essentially the same as the Function Latch (programmed
when C2, C1 = 1, 0).
However, when the Initialization Latch is programmed there is a
additional internal reset pulse applied to the R and N counters.
This pulse ensures that the N counter is at load point when the
N counter data is latched and the device will begin counting in
close phase alignment.
If the Latch is programmed for synchronous power-down (CE
pin is High; PD1 bit is High; PD2 bit is Low), the internal pulse
also triggers this power-down. The prescaler reference and the
oscillator input buffer are unaffected by the internal reset pulse and
so close phase alignment is maintained when counting resumes.
When the first N counter data is latched after initialization, the
internal reset pulse is again activated. However, successive N
counter loads after this will not trigger the internal reset pulse.
Device Programming After Initial Power-Up
After initially powering up the device, there are three ways to
program the device.
Initialization Latch Method
Apply VDD.
Program the Initialization Latch (“11” in 2 LSBs of input word).
Make sure that F1 bit is programmed to “0.” Then do an R load
(“00” in 2 LSBs). Then do an N load (“01” in 2 LSBs). When the
Initialization Latch is loaded, the following occurs:
1. The function latch contents are loaded.
2. An internal pulse resets the R, N and timeout counters to
load state conditions and also three-states the charge pump.
Note that the prescaler bandgap reference and the oscillator
input buffer are unaffected by the internal reset pulse,
allowing close phase alignment when counting resumes.
3. Latching the first N counter data after the initialization word
will activate the same internal reset pulse. Successive N loads
will not trigger the internal reset pulse unless there is another
initialization.
The CE Pin Method
Apply VDD.
Bring CE low to put the device into power-down. This is an
asynchronous power-down in that it happens immediately.
Program the Function Latch (10). Program the R Counter
Latch (00). Program the N Counter Latch (01). Bring CE high
to take the device out of power-down. The R and N counter will
now resume counting in close alignment.
Note that after CE goes high, a duration of 1
µs may be required
for the prescaler bandgap voltage and oscillator input buffer bias
to reach steady state.
CE can be used to power the device up and down in order to
check for channel activity. The input register does not need to
be reprogrammed each time the device is disabled and enabled
as long as it has been programmed at least once after VCC was
initially applied.
The Counter Reset Method
Apply VDD.
Do a Function Latch Load (“10” in 2 LSBs). As part of this,
load “1” to the F1 bit. This enables the counter reset. Do an R
Counter Load (“00” in 2 LSBs). Do an N Counter Load (“01”
in 2 LSBs). Do a Function Latch Load (“10” in 2 LSBs). As
part of this, load “0” to the F1 bit. This disables the counter reset.
This sequence provides the same close alignment as the initial-
ization method. It offers direct control over the internal reset.
Note that counter reset holds the counters at load point and
three-states the charge pump, but does not trigger synchronous
power-down. The counter reset method requires an extra func-
tion latch load compared to the initialization latch method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com