Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2020 Datasheet(PDF) 9 Page - Analog Devices

Part # EL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EL2020 Datasheet(HTML) 9 Page - Analog Devices

Back Button EL2020 Datasheet HTML 4Page - Analog Devices EL2020 Datasheet HTML 5Page - Analog Devices EL2020 Datasheet HTML 6Page - Analog Devices EL2020 Datasheet HTML 7Page - Analog Devices EL2020 Datasheet HTML 8Page - Analog Devices EL2020 Datasheet HTML 9Page - Analog Devices EL2020 Datasheet HTML 10Page - Analog Devices EL2020 Datasheet HTML 11Page - Analog Devices EL2020 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADEL2020
REV. A
–9–
GENERAL DESIGN CONSIDERATIONS
The ADEL2020 is a current feedback amplifier optimized for
use in high performance video and data acquisition systems.
Since it uses a current feedback architecture, its closed-loop
bandwidth depends on the value of the feedback resistor. The
–3 dB bandwidth is also somewhat dependent on the power
supply voltage. Lowering the supplies increases the values of in-
ternal capacitances, reducing the bandwidth. To compensate for
this, smaller values of feedback resistor are used at lower supply
voltages.
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can contribute to resonant circuits that
produce peaking in the amplifier’s response. In addition, if large
current transients must be delivered to the load, then bypass ca-
pacitors (typically greater than 1
µF) will be required to provide
the best settling time and lowest distortion. Although the rec-
ommended 0.1
µF power supply bypass capacitors will be suffi-
cient in most applications, more elaborate bypassing (such as
using two paralleled capacitors) may be required in some cases.
CAPACITIVE LOADS
When used with the appropriate feedback resistor, the ADEL2020
can drive capacitive loads exceeding 1000 pF directly without
oscillation. Another method of compensating for large load ca-
pacitance is to insert a resistor in series with the loop output. In
most cases, less than 50
Ω is all that is needed to achieve an
extremely flat gain response.
OFFSET NULLING
A 10 k
Ω pot connected between Pins 1 and 5, with its wiper
connected to V+, can be used to trim out the inverting input
current (with about
±20 µA of range). For closed-loop gains
above about 5, this may not be sufficient to trim the output off-
set voltage to zero. Tie the pot’s wiper to ground through a
large value resistor (50 k
Ω for ±5 V supplies, 150 kΩ for ±15 V
supplies) to trim the output to zero at high closed-loop gains.
OPERATION AS A VIDEO LINE DRIVER
The ADEL2020 is designed to offer outstanding performance at
closed-loop gains of one or greater. At a gain of 2, the ADEL2020
makes an excellent video line driver. The low differential gain
and phase errors and wide –0.1 dB bandwidth are nearly inde-
pendent of supply voltage and load. For applications requiring
widest 0.1 dB bandwidth, it is recommended to use 715
Ω feed-
back and gain resistors. This will result in about 0.05 dB of
peaking and a –0.1 dB bandwidth of 30 MHz on
±15 V supplies.
DISABLE MODE
By pulling the voltage on Pin 8 to common (0 V), the ADEL2020
can be put into a disabled state. In this condition, the supply
current drops to less than 2.8 mA, the output becomes a high
impedance, and there is a high level of isolation from input to
output. In the case of a line driver for example, the output im-
pedance will be about the same as for a 1.5 k
Ω resistor (the
feedback plus gain resistors) in parallel with a 13 pF capacitor
(due to the output) and the input to output isolation will be bet-
ter than 50 dB at 10 MHz.
Leaving the disable pin disconnected (floating) will leave the
part in the enabled state.
In cases where the amplifier is driving a high impedance load,
the input to output isolation will decrease significantly if the in-
put signal is greater than about 1.2 V peak to peak. The isola-
tion can be restored to the 50 dB level by adding a dummy load
(say 150
Ω) at the amplifier output. This will attenuate the
feedthrough signal. (This is not an issue for multiplexer applica-
tions where the outputs of multiple ADEL2020s are tied to-
gether as long as at least one channel is in the ON state.) The
input impedance of the disable pin is about 35 k
Ω in parallel
with a few pF. When grounded, about 50
µA flows out of the
disable pin for
±5 V supplies.
Break before make operation is guaranteed by design. If driven
by standard CMOS logic, the disable time (until the output is
high impedance), is about 100 ns and the enable time (to low
impedance output) is about 160 ns. Since it has an internal pull-
up resistor of about 35 k
Ω, the ADEL2020 can be used with
open drain logic as well. In this case, the enable time is in-
creased to about 1
µs.
If there is a nonzero voltage present on the amplifier’s output
at the time it is switched to the disabled state, some additional
decay time will be required for the output voltage to relax to
zero. The total time for the output to go to zero will generally
be about 250 ns and is somewhat dependent on the load
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com