Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4111BCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4111BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4111BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4111BCP Datasheet HTML 3Page - Analog Devices ADF4111BCP Datasheet HTML 4Page - Analog Devices ADF4111BCP Datasheet HTML 5Page - Analog Devices ADF4111BCP Datasheet HTML 6Page - Analog Devices ADF4111BCP Datasheet HTML 7Page - Analog Devices ADF4111BCP Datasheet HTML 8Page - Analog Devices ADF4111BCP Datasheet HTML 9Page - Analog Devices ADF4111BCP Datasheet HTML 10Page - Analog Devices ADF4111BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–7–
–400kHz
–200kHz
900MHz
+200kHz
+400kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 2.5 SECONDS
AVERAGES = 30
REFERENCE
LEVEL = –4.2dBm
–90.2dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 8. ADF4113 Reference Spurs (900 MHz, 200 kHz,
20 kHz)
–400kHz
–200kHz
900MHz
+200kHz
+400kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 35kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
REFERENCE
LEVEL = –4.2dBm
–89.3dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 9. ADF4113 Reference Spurs (900 MHz, 200 kHz,
35 kHz)
–400Hz
–200Hz
1750MHz
+200Hz
+400Hz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 477ms
AVERAGES = 10
REFERENCE
LEVEL = –8.0dBm
–75.2dBc/Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 10. ADF4113 Phase Noise (1750 MHz, 30 kHz,
3 kHz)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 1.6
100Hz
FREQUENCY OFFSET FROM 1750MHz CARRIER
1MHz
1.6 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
Figure 11. ADF4113 Integrated Phase Noise (1750 MHz,
30 kHz, 3 kHz)
–80kHz
–40kHz
1750MHz
+40kHz
+80kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 3Hz
VIDEO BANDWIDTH = 3Hz
SWEEP = 255 SECONDS
POSITIVE PEAK DETECT
MODE
REFERENCE
LEVEL = –5.7dBm
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–79.6dBc
Figure 12. ADF4113 Reference Spurs (1750 MHz, 30 kHz,
3 kHz)
–2kHz
–1kHz
3100MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 45
REFERENCE
LEVEL = –4.2dBm
–86.6dBc/Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 13. ADF4113 Phase Noise (3100 MHz, 1 MHz,
100 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com