Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG417 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG417
Description  LC2MOS Precision Mini-DIP Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG417 Datasheet(HTML) 1 Page - Analog Devices

  ADG417 Datasheet HTML 1Page - Analog Devices ADG417 Datasheet HTML 2Page - Analog Devices ADG417 Datasheet HTML 3Page - Analog Devices ADG417 Datasheet HTML 4Page - Analog Devices ADG417 Datasheet HTML 5Page - Analog Devices ADG417 Datasheet HTML 6Page - Analog Devices ADG417 Datasheet HTML 7Page - Analog Devices ADG417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Precision
Mini-DIP Analog Switch
ADG417
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (<35
)
Ultralow Power Dissipation (<35
W)
Fast Switching Times
tON (160 ns max)
tOFF (100 ns max)
Break-Before-Make Switching Action
Plug-In Replacement for DG417
APPLICATIONS
Precision Test Equipment
Precision Instrumentation
Battery Powered Systems
Sample Hold Systems
FUNCTIONAL BLOCK DIAGRAM
ADG417
IN
D
S
SWITCH SHOWN FOR A
LOGIC "1" INPUT
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG417 is fabricated on an enhanced LC
2MOS process,
giving an increased signal range that extends to the supply
rails.
2. Ultralow Power Dissipation
3. Low RON
4. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG417 can be operated from a single rail power supply.
The part is fully specified with a single +12 V power supply
and will remain functional with single supplies as low as
+5 V.
GENERAL DESCRIPTION
The ADG417 is a monolithic CMOS SPST switch. This switch
is designed on an enhanced LC
2MOS process that provides low
power dissipation yet gives high switching speed, low on resis-
tance and low leakage currents.
The on resistance profile of the ADG417 is very flat over the
full analog input range ensuring excellent linearity and low
distortion. The part also exhibits high switching speed and high
signal bandwidth. CMOS construction ensures ultralow power
dissipation making the parts ideally suited for portable and
battery powered instruments.
The ADG417 switch, which is turned ON with a logic low on
the control input, conducts equally well in both directions when
ON and has an input signal range that extends to the supplies.
In the OFF condition, signal levels up to the supplies are
blocked. The ADG417 exhibits break-before-make switching
action for use in multiplexer applications. Inherent in the design
is low charge injection for minimum transients when switching
the digital input.


Similar Part No. - ADG417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Similar Description - ADG417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
ADG419 AD-ADG419 Datasheet
113Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV.A
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Analog Devices
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
Analog Devices
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
LC MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com