Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4933 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DL4933
Description  Glass passivated junction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DL4933 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DL4933 Datasheet HTML 1Page - DIOTEC Electronics Corporation DL4933 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL4933 THRU DL4937
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
Ideal for surface mounted applications
Low leakage current
Glass passivated junction
Case:
Molded plastic
EPOXY: UL 94V-0
rate flame retardant
Teminals :
Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
Mounting Position: Any
Weight : 0.12 grams
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
LL- 41 (MELF)
●
●
●
Characteristic
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.24”(6.0mm)lead length,P.C.B. mounted
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.2
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
R JA
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
200
ns
DL
4933
DL
4934
DL
4936
DL
4937
DL
4935
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
µA


Similar Part No. - DL4933

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4933 SYNSEMI-DL4933 Datasheet
35Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4933 DIOTECH-DL4933 Datasheet
906Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - DL4933

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
Glass passivated junction
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
FE3A EIC-FE3A Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION
GN2A EIC-GN2A_05 Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION
GR3A EIC-GR3A Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
1N4947G LRC-1N4947G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
Glass Passivated Junction
FR104G LRC-FR104G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com