Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMS11W1PY101 Datasheet(PDF) 27 Page - ITT Industries

Part # DBMS11W1PY101
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMS11W1PY101 Datasheet(HTML) 27 Page - ITT Industries

Back Button DBMS11W1PY101 Datasheet HTML 23Page - ITT Industries DBMS11W1PY101 Datasheet HTML 24Page - ITT Industries DBMS11W1PY101 Datasheet HTML 25Page - ITT Industries DBMS11W1PY101 Datasheet HTML 26Page - ITT Industries DBMS11W1PY101 Datasheet HTML 27Page - ITT Industries DBMS11W1PY101 Datasheet HTML 28Page - ITT Industries DBMS11W1PY101 Datasheet HTML 29Page - ITT Industries DBMS11W1PY101 Datasheet HTML 30Page - ITT Industries DBMS11W1PY101 Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-27
Cannon Combo-D, High Power Straight PCB
Military/High Reliability
40 A High Power Straight PCB Plug, Sizes DE-DC
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
40 A High power inserted with straight contacts and standoff with UNC 4-40 thread
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC*/LOW OUTGASSING**
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMV2H2PNK87
DEMZ2H2P-NK87
DEMMV2H2P-N
DEMMZ2H2P-N
DEMZ2H2P-NNMBK52
DE
2WK2
DEMV2HK2PNK87
DEMZ2HK2P-NK87
DEMMV2HK2P-N
DEMMZ2HK2P-N
DEMZ2HK2P-NNMBK52
DE
5W1
DEMV5H1PNK87
DEMZ5H1P-NK87
DEMMV5H1P-N
DEMMZ5H1P-N
DEMZ5H1P-NNMBK52
DA
7W2
DAMV7H2PNK87
DAMZ7H2P-NK87
DAMMV7H2P-N
DAMMZ7H2P-N
DAMZ7H2P-NNMBK52
DA
11W1
DAMV11H1PNK87
DAMZ11H1P-NK87
DAMMV11H1P-N
DAMMZ11H1P-N
DAMZ11H1P-NNMBK52
DA
3W3
DAMV3H3PNK87
DAMZ3H3P-NK87
DAMMV3H3P-N
DAMMZ3H3P-N
DAMZ3H3P-NNMBK52
DA
3WK3
DAMV3HK3NK87
DAMZ3HK3P-NK87
DAMMV3HK3P-N
DAMMZ3HK3P-N
DAMZ3HK3P-NNMBK52
DB
5W5
DBMV5H5PNK87
DBMZ5H5P-NK87
DBMMV5H5P-N
DBMMZ5H5P-N
DBMZ5H5P-NNMBK52
DB
9W4
DBMV9H4PNK87
DBMZ9H4P-NK87
DBMMV9H4P-N
DBMMZ9H4P-N
DBMZ9H4P-NNMBK52
DB
13W3
DBMV13H3PNK87
DBMZ13H3P-NK87
DBMMV13H3P-N
DBMMZ13H3P-N
DBMZ13H3P-NNMBK52
DB
17W2
DBMV17H2PNK87
DBMZ17H2P-NK87
DBMMV17H2P-N
DBMMZ17H2P-N
DBMZ17H2P-NNMBK52
DB
21W1
DBMV21H1PNK87
DBMZ21H1P-NK87
DBMMV21H1P-N
DBMMZ21H1P-N
DBMZ21H1P-NNMBK52
DC
8W8
DCMV8H8PNK87
DCMZ8H8P-NK87
DCMMV8H8P-N
DCMMZ8H8P-N
DCMZ8H8P-NNMBK52
DC
13W6
DCMV13H6PNK87
DCMZ13H6P-NK87
DCMMV13H6P-N
DCMMZ13H6P-N
DCMZ13H6P-NNMBK52
DC
17W5
DCMV17H5PNK87
DCMZ17H5P-NK87
DCMMV17H5P-N
DCMMZ17H5P-N
DCMZ17H5P-NNMBK52
DC
21WA4
DCMV21HA4PNK87
DCMZ21HA4P-NK87
DCMMV21HA4P-N
DCMMZ21HA4P-N
DCMZ21HA4P-NNMBK52
DC
25W3
DCMV25H3PNK87
DCMZ25H3P-NK87
DCMMV25H3P-N
DCMMZ25H3P-N
DCMZ25H3P-NNMBK52
DC
27W2
DCMV27H2PNK87
DCMZ27H2P-NK87
DCMMV27H2P-N
DCMMZ27H2P-N
DCMZ27H2P-NNMBK52
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.665)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2,406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.264)
0,99 (.039)
Dimensions
B
C
A
10ϒ
5
4
3
1
2
A1
A2
ITT
CANNON
7W25
3,18 (0,125’)
Ø 0,6 (0,024’)
**Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions;
consult factory for more information
**For other hardware options, see Combo D Catalog.
Plug
*For M-3 hardware and other hardware options, see Combo D Catalog. *** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory
for more information
40 A High power straight inserted with straight contacts and standoff with 4-40 thread
Shell
size
Layout
P/N Industrial
P/N Military
P/N Base**
DD
24W7
DDM24H7P-NK87
DDMM24H7P-N
DDM24H7P-NNMBK52
DD
36W4
DDM36H4P-NK87
DDMM36H4P-N
DDM36H4P-NNMBK52
DD
43W2
DDM43H2P-NK87
DDMM43H2P-N
DDM43H2P-NNMBK52
DD
47W1
DDM47H1P-NK87
DDMM47H1P-N
DDM47H1P-NNMBK52
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com