Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04643.15DR Datasheet(PDF) 3 Page - Littelfuse

Part # 04643.15DR
Description  Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04643.15DR Datasheet(HTML) 3 Page - Littelfuse

  04643.15DR Datasheet HTML 1Page - Littelfuse 04643.15DR Datasheet HTML 2Page - Littelfuse 04643.15DR Datasheet HTML 3Page - Littelfuse 04643.15DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
79
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
NANO2® > 250V UMF > Fast-Acting > 464 Series
464 Series
Please refer to www.littelfuse.com/series/464.html for current information.
Materials
Product Marking
Operating
Temperature
Moisture Sensitivity
Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
Mechanical Shock
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
Product Characteristics
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
0464 001. D R
SERIES
AMP Code
*
QUANTITY Code
PACKAGING Code
*Example:
02.5
REFLOW SOLDER
F
2.8
(.11")
12.1
(.475")
4.5
(.177")
6.7
(.264")
6.8
(.264")
WAVE SOLDER
3.5
(.14")
AC250V
F500mAL
6.9
(.27")
5.6
(.22")
5.6
(.22")
4.5
(.177")
Height
END CAP
TOP VIEW
Recommended pad layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com