Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG508F Datasheet(PDF) 2 Page - Analog Devices

Part # ADG508F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508F Datasheet(HTML) 2 Page - Analog Devices

  ADG508F Datasheet HTML 1Page - Analog Devices ADG508F Datasheet HTML 2Page - Analog Devices ADG508F Datasheet HTML 3Page - Analog Devices ADG508F Datasheet HTML 4Page - Analog Devices ADG508F Datasheet HTML 5Page - Analog Devices ADG508F Datasheet HTML 6Page - Analog Devices ADG508F Datasheet HTML 7Page - Analog Devices ADG508F Datasheet HTML 8Page - Analog Devices ADG508F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
(VDD = +15 V
10%, VSS = –15 V
10%, GND = 0 V, unless otherwise noted)
Dual Supply
B Version
T Version
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS + 3
VSS + 3
V min
VDD – 1.5
VDD – 1.5
V max
RON
300
350
300
400
Ω typ
–10 V < VS < +10 V, IS = 1 mA;
VDD = +15 V ± 10%, VSS = –15 V ± 10%
400
450
Ω max
–10 V < VS < +10 V, IS = 1 mA;
VDD = +15 V ± 5%, VSS = –15 V ± 5%
RON Drift
0.6
0.6
%/
°C typ V
S = 0 V, IS = 1 mA
RON Match
5
5
% max
VS = 0 V, IS = 1 mA
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.02
±0.02
nA typ
VD = ± 10 V, VS =
10 V;
± 1
±50
± 1
±50
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.04
±0.04
nA typ
VD = ± 10 V, VS =
10 V;
ADG508F/ADG528F
± 1
±60
± 1
±200
nA max
Test Circuit 3
ADG509F
± 1
±30
± 1
±100
nA max
Channel ON Leakage ID, IS (ON)
±0.04
±0.04
nA typ
VS = VD = ± 10 V;
ADG508F/ADG528F
± 1
±60
± 1
±200
nA max
Test Circuit 4
ADG509F
± 1
±30
± 1
±100
nA max
FAULT
Output Leakage Current
±0.02
±0.02
nA typ
VS = ± 33 V, VD = 0 V, Test Circuit 3
(With Overvoltage)
± 2
± 2
± 2
µA max
Input Leakage Current
±0.005
±0.005
µA typ
VS = ± 25 V, VD =
10 V, Test Circuit 5
(With Overvoltage)
± 2
± 2
µA max
Input Leakage Current
±0.001
±0.001
µA typ
VS = ± 25 V, VD = VEN = A0, A1, A2 = 0 V
(With Power Supplies OFF)
± 2
± 2
µA max
Test Circuit 6
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
± 1
± 1
µA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
5
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
200
200
ns typ
RL = 1 MΩ, CL = 35 pF;
300
400
300
400
ns max
VS1 = ± 10 V, VS8 =
10 V; Test Circuit 7
tOPEN
50
50
ns typ
RL = 1 kΩ, CL = 35 pF;
25
10
25
10
ns min
VS = +5 V; Test Circuit 8
tON (EN, WR)
200
200
ns typ
RL = 1 kΩ, CL = 35 pF;
250
400
250
400
ns max
VS = +5 V; Test Circuit 9
tOFF (EN, RS)
200
200
ns typ
RL = 1 kΩ, CL = 35 pF;
250
400
250
400
ns max
VS = +5 V; Test Circuit 9
tSETT, Settling Time
0.1%
1
1
µs typ
RL = 1 kΩ, CL = 35 pF;
0.01%
2.5
2.5
µs typ
VS = +5 V
ADG528F Only
tW, Write Pulsewidth
100
120
100
200
ns min
tS, Address, Enable Setup Time
100
100
ns min
tH, Address, Enable Hold Time
10
10
ns min
tRS, Reset Pulsewidth
100
100
ns min
Charge Injection
4
4
pC typ
VS =0 V, RS =0 Ω,CL= 1 nF; Test Circuit 12
OFF Isolation
68
68
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz;
50
50
dB min
VS = 7 V rms; Test Circuit 13
CS (OFF)
5
5
pF typ
CD (OFF)
ADG508F/ADG528F
50
50
pF typ
ADG509F
25
25
pF typ
POWER REQUIREMENTS
IDD
0.1
0.2
0.1
0.2
mA max
VIN = 0 V or 5 V
ISS
0.1
0.1
0.1
0.1
mA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
ADG508F/ADG509F/ADG528F–SPECIFICATIONS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com