Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG608 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 5 Page - Analog Devices

  ADG608 Datasheet HTML 1Page - Analog Devices ADG608 Datasheet HTML 2Page - Analog Devices ADG608 Datasheet HTML 3Page - Analog Devices ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG608/ADG609
REV. A
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6.5 V
Analog, Digital Inputs
2
. . . . . . . . . . . . . . –0.3 V to VDD + 2 V
or 20 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 20 mA
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max) . . . . . . . . . . 40 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . – 55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . .
117
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . +260
°C
SOIC Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
TSSOP Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5000 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Only one absolute maximum rating may be applied at any one time.
2Overvoltages at A, S, D or EN will be clamped by internal diodes. Current should
be limited to the maximum ratings given.
PIN CONFIGURATIONS
DIP/SOIC/TSSOP
DIP/SOIC/TSSOP
A0
EN
A1
GND
S2A
S3A
S4A
S2B
S3B
S4B
VSS
S1A
VDD
S1B
DA
DB
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADG609
A0
EN
S2
S3
S4
VSS
S1
D
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADG608
A1
A2
S5
S6
S7
GND
VDD
S8
Table I. ADG608 Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
00
0
1
1
00
1
1
2
01
0
1
3
01
1
1
4
10
0
1
5
10
1
1
6
11
0
1
7
11
1
1
8
X = Don’t Care
Table II. ADG609 Truth Table
A1
A0
EN
ON SWITCH PAIR
X
X
0
NONE
00
1
1
01
1
2
10
1
3
11
1
4
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com