Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE558PTA331MSZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AE558PTA331MSZ
Description  Outgassing Compliant Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE558PTA331MSZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AE558PTA331MSZ Datasheet HTML 1Page - Coilcraft lnc. AE558PTA331MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
POWER INDUCTORS
Typical L vs Frequency
Typical L vs Current
7
6
5
4
3
2
1
0
0.1
110
100
Frequency (MHz)
2.0 µH
0.8 µH
1.3 µH
3.2 µH
5.7 µH
7
6
5
4
3
2
1
0
0.1
110
100
Current (A)
2.0 µH
0.8 µH
1.3 µH
3.2 µH
5.7 µH
Irms Derating
AE558PTASeries
Dimensions are in
inches
mm
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
1
2
3
Terminal 3 is for
mounting stability only.
0.402 ±0.008
10,2 ±0,2
0.433 ±0.008
11,0 ±0,2
0.205
5,20
max
0.152
3,85
0.083 ±0.004
2,10 ±0,1
0.083 ±0.004
2,10 ±0,1
0.083 ±0.004
2,10 ±0,1
0.075
1,90
±0.004
±0,1
0.075
1,90
±0.004
±0,1
1
2
3
Suggested
Land Pattern
0.215
5,47
0.091
2,30
0.125
3,18
0.118
3,00
0.118
3,00
0.134
3,40
•
Document AE535-2 Revised 12/05/12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com