Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG661 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG661
Description  LC2MOS Precision 5 V Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG661 Datasheet(HTML) 2 Page - Analog Devices

  ADG661 Datasheet HTML 1Page - Analog Devices ADG661 Datasheet HTML 2Page - Analog Devices ADG661 Datasheet HTML 3Page - Analog Devices ADG661 Datasheet HTML 4Page - Analog Devices ADG661 Datasheet HTML 5Page - Analog Devices ADG661 Datasheet HTML 6Page - Analog Devices ADG661 Datasheet HTML 7Page - Analog Devices ADG661 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
ADG661/ADG662/ADG663–SPECIFICATIONS1
Dual Supply
B Versions
Parameter
+25 C– 40 C to +85 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
RON
30
Ω typ
VD = –3.5 V to +3.5 V, IS = –10 mA;
38
50
Ω max
VDD = +4.5 V, VSS = –4.5 V
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.025
nA typ
VD =
±4.5 V, V
S =
±4.5 V;
±0.1
±2.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.025
nA typ
VD = ± 4.5 V, VS = ± 4.5 V;
±0.1
±2.5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VD = VS =
±4.5 V;
±0.2
±5
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
DYNAMIC CHARACTERISTICS
2
tON
150
ns typ
RL = 300
Ω, C
L = 35 pF;
275
ns max
VS = ± 3 V; Test Circuit 4
tOFF
55
ns typ
RL = 300
Ω, C
L = 35 pF;
120
ns max
VS =
±3 V; Test Circuit 4
Break-Before-Make Time Delay, tD
80
ns typ
RL = 300 Ω, CL = 35 pF;
(ADG663 Only)
VS1 = VS2 = +3 V; Test Circuit 5
Charge Injection
6
pC typ
VS = 0 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 6
OFF Isolation
70
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
9
pF typ
f = 1 MHz
CD (OFF)
9
pF typ
f = 1 MHz
CD, CS (ON)
28
pF typ
f = 1 MHz
POWER REQUIREMENTS
+4.5/5.5
V min/max
VDD
–4.5/5.5
V min/max
IDD
0.0001
µA typ
VDD = +5.5 V, VSS = –5.5 V
1
µA max
Digital Inputs = 0 V or 5 V
ISS
0.0001
µA typ
1
µA max
NOTES
1Temperature ranges are as follows: B Versions, –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +5 V
10%, VSS = –5 V
10%, GND = 0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com