Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG663 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG663
Description  LC2MOS Precision 5 V Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG663 Datasheet(HTML) 8 Page - Analog Devices

  ADG663 Datasheet HTML 1Page - Analog Devices ADG663 Datasheet HTML 2Page - Analog Devices ADG663 Datasheet HTML 3Page - Analog Devices ADG663 Datasheet HTML 4Page - Analog Devices ADG663 Datasheet HTML 5Page - Analog Devices ADG663 Datasheet HTML 6Page - Analog Devices ADG663 Datasheet HTML 7Page - Analog Devices ADG663 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
–8–
REV. 0
ADG661/ADG662/ADG663
SD
0.1 F
VDD
IN
VS
GND
VSS
RL
50
VOUT
0.1 F
VIN
VSS
VDD
7. Off Isolation
16-Lead TSSOP
(RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8°
0°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Test Circuits (Continued)
8. Channel-to-Channel Crosstalk
SD
0.1 F
VDD
VS
GND
VSS
50
NC
0.1 F
VIN1
VIN2
S
D
RL
50
VOUT
CHANNEL TO CHANNEL
CROSSTALK = 20
LOG VS/VOUT
VDD
VSS
APPLICATION
Figure 9 illustrates a precise, sample-and-hold circuit. An
AD845 is used as the input buffer while the output operational
amplifier is an OP07. During the track mode, SW1 is closed and
the output VOUT follows the input signal VIN. In the hold mode,
SW1 is opened and the signal is held by the hold capacitor CH.
Due to switch and capacitor leakage, the voltage on the hold
capacitor will decrease with time. The ADG661/ADG662/
ADG663 minimizes this droop due to its low leakage specifica-
tions. The droop rate is further minimized by the use of a poly-
styrene hold capacitor. The droop rate for the circuit shown is
typically 15
µV/µs.
A second switch SW2, which operates in parallel with SW1, is
included in this circuit to reduce pedestal error. Since both
switches will be at the same potential, they will have a differen-
tial effect on the op amp OP07 which will minimize charge
injection effects. Pedestal error is also reduced by the compensa-
tion network RC and CC. This compensation network also re-
duces the hold time glitch while optimizing the acquisition time.
Using the illustrated op amps and component values, the pedes-
tal error has a maximum value of 5 mV over the
±3 V input
range. The acquisition time is 2.5 ms while the settling time is
1.85
µs.
+5V
–5V
2200pF
RC
75
CC
1000pF
CH
2200pF
VOUT
ADG661
ADG662
ADG663
SW2
SW1
S
S
D
D
+5V
–5V
AD845
+5V
–5V
VIN
OP07
Figure 9. Accurate Sample-and-Hold



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com