Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML413RAD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML413RAD
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML413RAD Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML413RAD Datasheet HTML 1Page - Coilcraft lnc. ML413RAD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Inductance3
Percent
SRF min5
DCR max6
Imax
Part number1
(nH)
tolerance
Q min4
(GHz)
(mOhms)
(A)
ML413RAD3N0_LZ2
3.0 @ 50 MHz
5
57 @ 1000 MHz
>5.00
38
1.8
ML413RAD4N1_LZ
4.1 @ 50 MHz
5
75 @ 1000 MHz
>5.00
50
1.8
ML413RAD7N8_LZ2
7.8 @ 50 MHz
5
51 @ 500 MHz
3.80
50
1.6
ML413RAD10N_LZ
10 @ 50 MHz
5,2
60 @ 500 MHz
3.20
60
1.5
ML413RAD12N_LZ
12 @ 50 MHz
5,2
57 @ 500 MHz
2.40
60
1.5
ML413RAD18N_LZ
18 @ 50 MHz
5,2
62 @ 350 MHz
2.10
70
1.4
ML413RAD22N_LZ
22 @ 50 MHz
5,2
62 @ 350 MHz
2.05
70
1.4
ML413RAD33N_LZ
33 @ 50 MHz
5,2
49 @ 150 MHz
1.70
90
1.2
ML413RAD36N_LZ
36 @ 50 MHz
5,2
57 @ 150 MHz
1.40
90
1.1
ML413RAD39N_LZ
39 @ 50 MHz
5,2
45 @ 150 MHz
1.30
90
1.1
ML413RAD47N_LZ
47 @ 50 MHz
5,2,1
45 @ 150 MHz
1.45
120
0.95
ML413RAD56N_LZ
56 @ 50 MHz
5,2,1
43 @ 150 MHz
1.08
120
0.95
ML413RAD68N_LZ
68 @ 50 MHz
5,2,1
54 @ 150 MHz
1.15
130
0.85
ML413RAD82N_LZ
82 @ 50 MHz
5,2,1
54 @ 150 MHz
1.06
160
0.80
ML413RADR10_LZ
100 @ 50 MHz
5,2,1
51 @ 150 MHz
0.82
160
0.80
1. When ordering, please specify
tolerance and testing codes:
ML313RADR10JLZ
Tolerance: F = 1% G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP‑SA‑10001
N = Screening per Coilcraft CP‑SA‑10003
2. Part is wound on low profile coilform.
3. Inductance measured using a Coilcraft SMD‑A fixture in an Agilent/
HP 4286A impedance analyzer or equivalent with Coilcraft‑provided
correlation pieces.
4. Q measured using an Agilent/HP 4291A with an AgilentHP 16197A
test fixture or equivalents.
5. SRF measured using an Aglilent/HP 8753ES network analyzeror
equivalent and a Coilcraft SMD‑D test fixture.
6. DCR measured on a Keithley 580 micro‑ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ceramic
Terminations Silver‑palladium‑platinum‑glass frit.
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel
Standard height parts: Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.8 mm pocket depth
Low profile parts: Plastic tape: 8 mm wide, 0.3 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
This robust version of Coilcraft’s standard 1008HQ series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
High-ReliabilityChipInductorsML413RAD
1008 CHIP INDUCTORS
Document ML190‑1 Revised 11/06/12


Similar Part No. - ML413RAD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML413RAA COILCRAFT-ML413RAA Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA100_LZ COILCRAFT-ML413RAA100_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA101_LZ COILCRAFT-ML413RAA101_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA102_LZ COILCRAFT-ML413RAA102_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA120_LZ COILCRAFT-ML413RAA120_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - ML413RAD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
High Reliability Chip Inductors
ML413RAA COILCRAFT-ML413RAA Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
High-Reliability Chip Inductors
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
High-Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com