Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML465PYA681MLZ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # ML465PYA681MLZ
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML465PYA681MLZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  ML465PYA681MLZ Datasheet HTML 1Page - Coilcraft lnc. ML465PYA681MLZ Datasheet HTML 2Page - Coilcraft lnc. ML465PYA681MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
4040 POWER INDUCTORS
Document ML803-3 Revised 03/22/12
ML465PYASeries
L vs Frequency
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
15 µH 10 µH
8.2 µH
6.8 µH
4.7 µH
3.3 µH
2.2 µH
1.5 µH
1.0 µH
0.52 µH
0.82 µH
0.68 µH
Dimensions are in
inches
mm
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.031 ±0.002
0,85 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
0.093
2,37
Recommended
Land Pattern
Dash
number
0.161
4,10
max
A
Dash
B
number (in / mm)
(in / mm)
±0.008 in
±0,20 mm
-521
0.142 / 3.6
0.15 / 3.80
-681
0.142 / 3.6
0.15 / 3.80
-821
0.142 / 3.6
0.15 / 3.80
-102
0.142 / 3.6
0.15 / 3.80
-152
0.142 / 3.6
0.15 / 3.80
-222
0.138 / 3.5
0.144 / 3.65
-332
0.134 / 3.4
0.138 / 3.50
-472
0.134 / 3.4
0.138 / 3.50
-682
0.134 / 3.4
0.138 / 3.50
-822
0.132 / 3.36
0.135 / 3.44
-103
0.131 / 3.32
0.133 / 3.38
-153
0.131 / 3.32
0.133 / 3.38
A
(see table)
B
(see table)
ESR vs Frequency
0
5
10
15
20
25
30
35
40
45
50
0.1
1
100
10
Frequency (MHz)
Irms Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Suggested
Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com