Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML520RFA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML520RFA
Description  High Reliability Wideband Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML520RFA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML520RFA Datasheet HTML 1Page - Coilcraft lnc. ML520RFA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
ML520RFA Series
Specifications subject to change without notice.
Please check our website for latest information.
Dimensions are in
inches
mm
WIDEBANDTRANSFORMERS
Document ML099-2 Revised 02/17/11
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA01A1LZ
3 dB bandwidth: 0.045 – 365 MHz
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA01B1LZ
3 dB bandwidth: 0.045 – 365 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA02B1LZ
3 dB bandwidth: 0.045 – 495 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA03B1LZ
3 dB bandwidth: 0.075 – 425 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA04B1LZ
3 dB bandwidth: 0.120 – 440 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA08B1LZ
3 dB bandwidth: 0.105 – 300 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA09B1LZ
3 dB bandwidth: 0.175 – 200 MHz
0
1
2
3
4
5
0.01
0.1
1000
10
1
100
Frequency (MHz)
ML520RFA16B1LZ
3 dB bandwidth: 0.105 – 135 MHz
0
1
2
3
4
5
6
6
5
4
0.283 ±0.010
7,20 ±0,25
0.267 ±0.008
6,77 ±0,20
0.256 ±0.008
6,48 ±0,20
0.175 ±0.008
4,45 ±0,20
0.100 ±0.004
2,54 ±0,10
0.100
2,54
0.290
7,37
0.06
1,52
0.04
1,00
0.05
1,27
0.02
0,5
Recommended
Land Pattern
1
1
2
3
Part number designation
Indicates pin 1
Internal code
XXXX
YYWW
CHINA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com