Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG749 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG749
Description  CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749 Datasheet(HTML) 1 Page - Analog Devices

  ADG749 Datasheet HTML 1Page - Analog Devices ADG749 Datasheet HTML 2Page - Analog Devices ADG749 Datasheet HTML 3Page - Analog Devices ADG749 Datasheet HTML 4Page - Analog Devices ADG749 Datasheet HTML 5Page - Analog Devices ADG749 Datasheet HTML 6Page - Analog Devices ADG749 Datasheet HTML 7Page - Analog Devices ADG749 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG749
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
CMOS Low Voltage
2.5
SPDT Switch In SC70 Package
FUNCTIONAL BLOCK DIAGRAM
IN
ADG749
S2
S1
D
SWITCHES SHOWN FOR
A LOGIC "1" INPUT
FEATURES
1.8 V to 5.5 V Single Supply
5
(Max) On Resistance
0.75
(Typ) On-Resistance Flatness
–3 dB Bandwidth >200 MHz
Rail-to-Rail Operation
6-Lead SC70 Package
Fast Switching Times
tON 20 ns
tOFF 6 ns
Typical Power Consumption (<0.01
W)
TTL/CMOS-Compatible
APPLICATIONS
Battery-Powered Systems
Communication Systems
Sample Hold Systems
Audio Signal Routing
Video Switching
Mechanical Reed Relay Replacement
GENERAL DESCRIPTION
The ADG749 is a monolithic CMOS SPDT switch. This switch
is designed on a submicron process that provides low power
dissipation yet gives high switching speed, low on resistance and
low leakage currents.
The ADG749 can operate from a single supply range of 1.8 V to
5.5 V, making it ideal for use in battery-powered instruments and
with the new generation of DACs and ADCs from Analog Devices.
Each switch of the ADG749 conducts equally well in both
directions when on. The ADG749 exhibits break-before-make
switching action.
Because of the advanced submicron process, –3 dB bandwidths
of greater than 200 MHz can be achieved.
The ADG749 is available in a 6-lead SC70 package.
PRODUCT HIGHLIGHTS
1. 1.8 V to 5.5 V Single Supply Operation. The ADG749
offers high performance, including low on resistance and
fast switching times, and is fully specified and guaranteed
with 3 V and 5 V supply rails.
2. Very Low RON (5
Ω max at 5 V, 10 Ω max at 3 V). At 1.8 V
operation, RON is typically 40
Ω over the temperature range.
3. On-Resistance Flatness (RFLAT(ON)) (0.75
Ω typ).
4. –3 dB Bandwidth >200 MHz.
5. Low Power Dissipation. CMOS construction ensures low
power dissipation.
6. Fast tON/tOFF.
7. Tiny 6-lead SC70 package.


Similar Part No. - ADG749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG749 AD-ADG749 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-R2 AD-ADG749BKSZ-R2 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL AD-ADG749BKSZ-REEL Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
More results

Similar Description - ADG749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
MAX4714 MAXIM-MAX4714 Datasheet
192Kb / 8P
0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
Rev 0; 4/01
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167 Datasheet
408Kb / 10P
600MHz Low Voltage SPDT Analog Switch in 6-pin SC70
logo
Analog Devices
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
logo
Maxim Integrated Produc...
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157_15 Datasheet
319Kb / 11P
Low Voltage SPDT Analog Switch in 6-Pin SC70
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
logo
Maxim Integrated Produc...
MAX4714 MAXIM-MAX4714_V01 Datasheet
319Kb / 9P
0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com