Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG752 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG752
Description  CMOS, Low Voltage RF/Video, SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG752 Datasheet(HTML) 1 Page - Analog Devices

  ADG752 Datasheet HTML 1Page - Analog Devices ADG752 Datasheet HTML 2Page - Analog Devices ADG752 Datasheet HTML 3Page - Analog Devices ADG752 Datasheet HTML 4Page - Analog Devices ADG752 Datasheet HTML 5Page - Analog Devices ADG752 Datasheet HTML 6Page - Analog Devices ADG752 Datasheet HTML 7Page - Analog Devices ADG752 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG752
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FUNCTIONAL BLOCK DIAGRAM
CMOS, Low Voltage
RF/Video, SPDT Switch
IN
D
S2
S1
ADG752
SWITCH SHOWN FOR A LOGIC "1" INPUT
FEATURES
High Off Isolation –80 dB at 30 MHz
–3 dB Signal Bandwidth 250 MHz
+1.8 V to +5.5 V Single Supply
Low On-Resistance (15
Typically)
Low On-Resistance Flatness
Fast Switching Times
tON Typically 8 ns
tOFF Typically 3 ns
Typical Power Consumption < 0.01
W
TTL/CMOS Compatible
APPLICATIONS
Audio and Video Switching
RF Switching
Networking Applications
Battery Powered Systems
Communication Systems
Relay Replacement
Sample-and-Hold Systems
GENERAL DESCRIPTION
The ADG752 is a low voltage SPDT (single pole, double throw)
switch. It is constructed using switches in a T-switch configura-
tion, which results in excellent Off Isolation while maintaining
good frequency response in the ON condition.
High off isolation and wide signal bandwidth make this part
suitable for switching RF and video signals. Low power con-
sumption and operating supply range of +1.8 V to +5.5 V make
it ideal for battery powered, portable instruments.
The ADG752 is designed on a submicron process that provides
low power dissipation yet gives high switching speed and low on
resistance. This part is a fully bidirectional switch and can handle
signals up to and including the supply rails. Break-before-make
switching action ensures the input signals are protected against
momentary shorting when switching between channels.
The ADG752 is available in 6-lead SOT-23 and 8-lead
µSOIC
packages.
PRODUCT HIGHLIGHTS
1. High Off Isolation –80 dB at 30 MHz.
2. –3 dB Signal Bandwidth 250 MHz.
3. Low On Resistance (15
Ω).
4. Low Power Consumption, typically <0.01
µW.
5. Break-Before-Make Switching Action.
6. Tiny 6-lead SOT-23 and 8-lead
µSOIC packages.


Similar Part No. - ADG752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG752 AD-ADG752 Datasheet
268Kb / 9P
CMOS, Low Voltage
REV. A
ADG752 AD-ADG752_15 Datasheet
268Kb / 9P
CMOS, Low Voltage
REV. A
More results

Similar Description - ADG752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
ADG736 AD-ADG736 Datasheet
99Kb / 8P
CMOS Low Voltage 4 ohm Dual SPDT Switch
REV.0
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
logo
Analog Devices
ADG736L AD-ADG736L Datasheet
269Kb / 12P
CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com