Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0453003.MR Datasheet(PDF) 4 Page - Littelfuse

Part # 0453003.MR
Description  Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0453003.MR Datasheet(HTML) 4 Page - Littelfuse

  0453003.MR Datasheet HTML 1Page - Littelfuse 0453003.MR Datasheet HTML 2Page - Littelfuse 0453003.MR Datasheet HTML 3Page - Littelfuse 0453003.MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
60
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
451/453 Series
NANO2® > Very Fast-Acting > 451/453 Series
Please refer to www.littelfuse.com/series/451.html
or /453.html for current information.
Materials
Body: Ceramic
Terminations:
Gold-PlatedCaps(for451RoHS/HFseries)
SnPbPlatedCaps(for451Non-RoHSseries)
Silver-platedCaps(for451RoHSbelow
160mARating&453Series)
Product Marking
Brand,AmpereRating
Operating
Temperature
-55°C to 125°C
Moisture Sensitivity
Level
Level1,J-STD-020C
Solderability
MIL-STD-202,Method208
Insulation
Resistance
(after Opening)
MIL-STD-202,Method302,Test
Condition A (10,000 ohms minimum)
Thermal Shock
MIL-STD-202,Method107,Test
Condition B, 5 cycles, -65°C /
+125°C, 15 minutes @ each
extreme
Mechanical Shock
MIL-STD-202,Method213,TestI:
Deenergized.100G’spkamplitude,
sawtooth wave 6ms duration, 3
cyclesXYZ+xyz=18shocks
Vibration
MIL-STD-202,Method201:0.03”
amplitude,10-55Hzin1min.2hrs
eachXYZ=6hrs
Moisture Resistance
MIL-STD-202,Method106,10
cycles
Salt Spray
MIL-STD-202,Method101,Test
Condition B (48hrs)
Resistance to Soldering
Heat
MIL-STD-202,Method210,Test
condition B (10 sec at 260°C)
Product Characteristics
Dimensions
Packaging
Part Numbering System
F
7 A
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69 ± .25
(.106")
2.69 ± .25
(.106")
1.45
(.057")
6.10 ± .20
(.240")
Recommended pad layout
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
12mmTapeandReel
EIARS-481-2(IEC286,part3)
5000
NR
12mmTapeandReel
EIARS-481-2(IEC286,part3)
1000
MR
0451 001. M R L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
RefertoElectrical
characteristics table
M=1000pcs
N =5000pcs
R=TapeandReel
RoHS Compliant & Halogen Free
451=Gold/SnPb/SilverPlatedCaps
453=SilverPlatedCaps
NOTE: “L” suffix applies to 451 series only
- 451seriesmaybeorderedaseither“RoHSandHF”(“L”suffix)ornon-RoHS(nosuffix)version.
- 453seriesisavailableonlyasRoHScompliantversionanddoesnotrequire“L”suffix.Pleasedonot
include“L”suffixwithin453seriesorderinginstructions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com