Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG802 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG802
Description  <0.5 ohm CMOS, Low Voltage, SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG802 Datasheet(HTML) 1 Page - Analog Devices

  ADG802 Datasheet HTML 1Page - Analog Devices ADG802 Datasheet HTML 2Page - Analog Devices ADG802 Datasheet HTML 3Page - Analog Devices ADG802 Datasheet HTML 4Page - Analog Devices ADG802 Datasheet HTML 5Page - Analog Devices ADG802 Datasheet HTML 6Page - Analog Devices ADG802 Datasheet HTML 7Page - Analog Devices ADG802 Datasheet HTML 8Page - Analog Devices ADG802 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REV. PrE Jan ‘02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG801/ADG802
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
PRELIMINARY TECHNICAL DATA
<0.5
Ω
Ω
Ω
Ω
Ω
CMOS, Low Voltage, SPST Switches
FEATURES
Low On Resistance < 0.5
Ω
Ω
Ω
Ω
Ω max at 5 V supply
0.1
Ω
Ω
Ω
Ω
Ω On Resistance Flatness
+1.8 V to +5.5 V Single Supply
100pA Leakage Currents
14ns Switching Times
Extended Temperature Range -40oC to +125oC
High Current Carrying Capability
Tiny 6 lead SOT23 and 8 Lead
µµµµµSOIC Packages
Low Power Consumption
TTL/CMOS Compatible Inputs
Pin Compatible with ADG701/ADG702
APPLICATIONS
Power Routing
Audio and Video Signal Routing
Cellular Phones
Modems
PCMCIA Cards
Hard Drives
Data Acquisition Systems
Communication Systems
Relay replacement
Audio and Video Switching
Battery Powered Systems
GENERAL DESCRIPTION
The ADG801/ADG802 are monolithic CMOS SPST (Single
Pole, Single Throw) switches with On Resistance of less than
0.5
Ω. These switches are designed on an advanced submicron
process that provides extremely low on resistance, high switch-
ing speed and low leakage currents.
The low On Resistance of <0.5
Ω means these parts are ideal
for applications where low on resistance switching is critical.
The ADG801 is a normally open (NO) switch, while the
ADG802 is normally closed (NC). Each switch conducts
equally well in both directions when ON.
The ADG801 and ADG802 are available in 6-lead SOT-23
and 8 Lead
µSOIC packages.
PRODUCT HIGHLIGHTS
1. Low On Resistance (0.25
Ω typical).
2. +1.8V to +5.5V Single Supply Operation.
3. Tiny 6 Lead SOT23 and 8 Lead
µSOIC Packages.
4. Pin Compatible with ADG701 (ADG801)
Pin Compatible with ADG702 (ADG802).
FUNCTIONAL BLOCK DIAGRAMS
D
IN
S
ADG801
D
IN
S
ADG802
SWITCHES SHOWN FOR A LOGIC "1" INPUT


Similar Part No. - ADG802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG802BRM AD-ADG802BRM Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL AD-ADG802BRM-REEL Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL7 AD-ADG802BRM-REEL7 Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ AD-ADG802BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ-REEL AD-ADG802BRMZ-REEL Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
More results

Similar Description - ADG802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
CMOS Low Voltage 2ohm SPST Switches
REV.A
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
logo
Maxim Integrated Produc...
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com