Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1014 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1014
Description  Dual PCI Hot-PlugTM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1014 Datasheet HTML 2Page - Analog Devices ADM1014 Datasheet HTML 3Page - Analog Devices ADM1014 Datasheet HTML 4Page - Analog Devices ADM1014 Datasheet HTML 5Page - Analog Devices ADM1014 Datasheet HTML 6Page - Analog Devices ADM1014 Datasheet HTML 7Page - Analog Devices ADM1014 Datasheet HTML 8Page - Analog Devices ADM1014 Datasheet HTML 9Page - Analog Devices ADM1014 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM1014
–6–
REV.
PrN 1/02
PIN FUNCTION DESCRIPTION (CONTINUED)
Pin
Mnemonic
Function
20
M12VINB
-12V supply input for channel B. Also provides power to the -12V overcurrent circuitry.
21
3VISENB
3.3V current sense for channel B. A current-sensing resistor is connected between this pin and 3VSB
(pin 22). Connect to the load side of the current sense resistor.
22
3VSB
3.3V source for channel B. The source of the 3.3V MOSFET is connected to this pin and a
current-sensing resistor is connected between this pin and pin 21.
23
5VISENB
5V current sense for channel B. A current-sensing resistor is connected between this pin and 5VSB
(pin 24). Connect to the load side of the current sense resistor.
24
5VSB
5V source for channel B. The source of the 5V MOSFET is connected to this pin and a
current-sensing resistor is connected between this pin and pin 23.
25
3V5VGB
3.3V and 5V gate output for channel B, drives the gates of the external 3.3V and 5V MOSFETs.
A capacitor connected from this pin to GND sets the start-up ramp for the 3.3V and 5V supplies.
During turn-on, this capacitor is charged from a 25µA current source. The undervoltage circuitry is
disabled when the voltage on 3V5VGB falls below 12VIN-1.2V.
26
AUXINB
+3.3V auxiliary supply input for channel B.
27
PAUXONB
Power on control for channel B +3.3V auxiliary output. 3.3V CMOS-compatible logic input.
PAUXONB high = outputs on, PAUXONB low = outputs off.
28
12VINB
Switched +12V supply input for channel B.
29
12VINA
Switched +12V supply input for channel A and for OCSET and power-on RESET circuits.
30
PAUXONA
Power on control for channel A +3.3V auxiliary output. 3.3V CMOS-compatible logic input.
PAUXONA high = outputs on, PAUXONA low = outputs off.
31
AUXINA
+3.3V auxiliary supply input for channel A.
32
GND
Ground for all chip circuits. Connect to common of power supplies.
33
3V5VGA
3.3V and 5V gate output for channel A, drives the gates of the external 3.3V and 5V MOSFETs. A
capacitor connected from this pin to GND sets the start-up ramp for the 3.3V and 5V supplies.
During turn-on, this capacitor is charged from a 25µA current source. The undervoltage circuitry is
disabled when the voltage on 3V5VGA falls below 12VIN-1.2V.
34
5VSA
5V source for channel A. The source of the 5V MOSFET is connected to this pin and a
current-sensing resistor is connected between this pin and pin 35.
35
5VISENA
5V current sense for channel A. A current-sensing resistor is connected between this pin and 5VSA
(pin 34). Connect to the load side of the current sense resistor.
36
3VSA
3.3V source for channel A. The source of the 3.3V MOSFET is connected to this pin and a
current-sensing resistor is connected between this pin and pin 37.
37
3VISENA
3.3V current sense for channel A. A current-sensing resistor is connected between this pin and 3VSA
(pin 36). Connect to the load side of the current sense resistor.
38
M12VINA
-12V supply input for channel A. Also provides power to the -12V overcurrent circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com