Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1020 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1020
Description  8-Lead, Low-Cost, System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1020 Datasheet(HTML) 3 Page - Analog Devices

  ADM1020 Datasheet HTML 1Page - Analog Devices ADM1020 Datasheet HTML 2Page - Analog Devices ADM1020 Datasheet HTML 3Page - Analog Devices ADM1020 Datasheet HTML 4Page - Analog Devices ADM1020 Datasheet HTML 5Page - Analog Devices ADM1020 Datasheet HTML 6Page - Analog Devices ADM1020 Datasheet HTML 7Page - Analog Devices ADM1020 Datasheet HTML 8Page - Analog Devices ADM1020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADM1020
–3–
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VDD) to GND . . . . . . . . –0.3 V, +6 V
D+, ADD . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
D– to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V, +0.6 V
SCLK, SDATA,
ALERT . . . . . . . . . . . . . . . . . . . . . –0.3 V, +6 V
Input Current, SDATA . . . . . . . . . . . . . . . . . . . . . –1,
±50 mA
Input Current, D– . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 mA
ESD Rating, all Pins (Human Body Model) . . . . . . . . 4000 V
Continuous Power Dissipation
Up to +70
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mW
Derating above +70
°C . . . . . . . . . . . . . . . . . . . . 6.7 mW/°C
Operating Temperature Range . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature (TJ max) . . . . . . . . . +150°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +200
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
8-Lead SOIC Package:
θ
JA = 150°C/Watt.
PIN FUNCTION DESCRIPTION
Pin
No.
Mnemonic
Description
1VDD
Positive Supply, +3 V to +5.5 V
2
D+
Positive Connection to Emitter of Remote
Temperature Sensor.
3
D–
Negative Connection to Base of Remote
Temperature Sensor.
4
ADD
Address Select Three-State Logic Input.
5
GND
Supply 0 V Connection.
6
ALERT
Open-Drain Logic Output Used as
Interrupt or SMBus Alert.
7
SDATA
Logic Input/Output, SMBus Serial Data.
Open-Drain Output.
8
SCLK
Logic Input, SMBus Serial Clock.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VDD
D+
D–
ADD
SCLK
SDATA
ALERT
GND
ADM1020
ORDERING GUIDE
Temperature
Package
Package
Model*
Range
Description
Option
ADM1020AR-REEL
0
°C to +85°C
8-Lead Small Outline (SOIC)
SO-8
ADM1020AR-REEL7
*REEL contains 2500 pieces; REEL7 contains 1000 pieces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com