Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1021 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1021
Description  Low Cost Microprocessor System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1021 Datasheet HTML 4Page - Analog Devices ADM1021 Datasheet HTML 5Page - Analog Devices ADM1021 Datasheet HTML 6Page - Analog Devices ADM1021 Datasheet HTML 7Page - Analog Devices ADM1021 Datasheet HTML 8Page - Analog Devices ADM1021 Datasheet HTML 9Page - Analog Devices ADM1021 Datasheet HTML 10Page - Analog Devices ADM1021 Datasheet HTML 11Page - Analog Devices ADM1021 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADM1021
–12–
REV. 0
APPLICATION CIRCUITS
Figure 18 shows a typical application circuit for the ADM1021,
using a discrete sensor transistor connected via a shielded,
twisted pair cable. The pull-ups on SCLK, SDATA and
ALERT
are required only if they are not already provided elsewhere in
the system.
The SCLK, and SDATA pins of the ADM1021 can be inter-
faced directly to the SMBus of an I/O controller such as the
Intel PCI ISA IDE Xcelerator (PIIX4) chip type 82371AB.
Figure 19 shows how the ADM1021 might be integrated into a
system using this type of I/O controller.
USB PORT 1
MAIN MEMORY
(DRAM)
BUILT-IN
SENSOR
PROCESSOR
HOST BUS
SECOND LEVEL
CACHE
HOST-TO-PCI
BRIDGE
MAIN MEMORY
(DRAM)
PCI BUS (3.3V OR 5V 30/33MHz)
PCI SLOTS
D– D+
ADM1021
USB PORT 2
ALERT SCLK SDATA
CD ROM
HARD
DISK
BMI IDE
ULTRA DMA/33
8237 1AB
(PIIX4)
HARD
DISK
GPI[I,O] (30+)
AUDIO
SERIAL PORT
PARALLEL PORT
FLOPPY DISK
CONTROLLER
INFRARED
SMBUS
KEYBOARD
BIOS
ISA/EIO BUS
(3.3V, 5V TOLERANT)
Figure 19. Typical System Using ADM1021
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Shrink Small Outline Package
(RQ-16)
16
9
8
1
0.197 (5.00)
0.189 (4.80)
0.244 (6.20)
0.228 (5.79)
PIN 1
0.157 (3.99)
0.150 (3.81)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025
(0.64)
BSC
0.059 (1.50)
MAX
0.069 (1.75)
0.053 (1.35)
0.010 (0.20)
0.007 (0.18)
0.050 (1.27)
0.016 (0.41)
8
0
VDD
STBY
SCLK
SDATA
ALERT
ADD0
ADD1
GND
D+
D–
0.1 F
ALL 10k
3.3V
TO PIIX4
CHIP
SET TO REQUIRED
ADDRESS
IN
OUT
I/O
C1*
SHIELD
2N3904
*C1 IS OPTIONAL
ADM1021
Figure 18. Typical ADM1021 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com