Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1029 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 2Page - Analog Devices ADM1029 Datasheet HTML 3Page - Analog Devices ADM1029 Datasheet HTML 4Page - Analog Devices ADM1029 Datasheet HTML 5Page - Analog Devices ADM1029 Datasheet HTML 6Page - Analog Devices ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices ADM1029 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
REV. 0
ADM1029
–6–
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–1
0
600
12
400
20
300
100
500
1
4
8
16
50
200
FREQUENCY – MHz
VIN = 30mV p-p
VIN = 20mV p-p
VIN = 40mV p-p
TPC 7. Remote Temperature Error vs. Differential-Mode
Noise Frequency
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
SUPPLY VOLTAGE – V
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
TPC 8. Standby Supply Current vs. Supply Voltage
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0
SUPPLY VOLTAGE – V
TPC 9. Supply Current vs. Supply Voltage
10
9
8
7
6
5
4
3
2
1
0
–1
0
1
4
8
12
16
20
50
100 200 300 400 500 600
FREQUENCY – MHz
VIN = 100mV p-p
VIN = 250mV p-p
TPC 10. Local Sensor Temperature Error vs. Power Supply
Noise Frequency
120
110
100
90
80
70
60
50
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
TIME – Seconds
TPC 11. ADM1029 Response to Thermal Shock
TEMPERATURE – C
0.10
0.00
–0.10
–0.20
–0.30
–0.40
–0.50
–0.60
–0.70
–0.80
–0.90
–1.00
–1.10
–1.20
0
20
40
60
80
85
100
105
120
TPC 12. Remote Temperature Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com