Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST336RAM681JRZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST336RAM681JRZ
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST336RAM681JRZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST336RAM681JRZ Datasheet HTML 1Page - Coilcraft lnc. ST336RAM681JRZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
0805 FERRITE CHIP INDUCTORS
Document ST781-1 Revised 09/01/11
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Weight 16.7 – 18.0 mg
Ambient temperature –40°C to +85°C with Imax current, +85°C to
+100°C with derated current
Storage temperature Component: –55°C to +100°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel;
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.6 mm pocket depth
1. When ordering, please specify
termination and testing codes:
ST336RAM223JRZ
Termination: R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
Q = RoHS tin-silver-copper (95.5/4/0.5) over tin over
nickel over
silver-platinum-glass frit or
P = non-RoHS tin-lead (63/37) over tin over nickel over
silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 0.1 Vrms, using Coilcraft SMD-A fixture in
Agilent/HP 4286A impedance analyzer or equivalent with Coilcraft-
provided correlation pieces.
3. Q measured on Agilent/HP 4291A with Agilent/HP 16197A test fixture
or equivalents.
4. SRF measured using Agilent/HP 8753ES network analyzer or
equivalent with Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 Micro-ohmmeter or equivalent with
a Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.090 0.068 0.060 0.020 0.050 0.016 0.040 0.070 0.040 0.030 inches
2,29 1,73 1,52 0,51 1,27 0,41 1,02 1,78 1,02 0,76 mm
Higher inductance values than ceramic 0805 inductors
Heavy guage wire for low DCR
Ferrite construction for high current handling
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.
ChipInductorsforCriticalApplicationsST336RAM
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Suggested
Land Pattern
Inductance2
Impedance typ
SRF min4
DCR max5
Imax
Color
Part number1
±5% (µH)
Q min3
(Ohms)
(MHz)
(Ohms)
(mA)
code
ST336RAM111JRZ
0.11 @ 7.9 MHz
14 @ 7.9 MHz
370 @ 500MHz
1000
0.05
700
Brown
ST336RAM681JRZ
0.68 @ 7.9 MHz
15 @ 7.9 MHz
430 @ 100 MHz
340
0.30
410
Orange
ST336RAM102JRZ
1.0 @ 7.9 MHz
13 @ 7.9 MHz
670 @ 100 MHz
280
0.39
360
Yellow
ST336RAM122JRZ
1.2 @ 7.9 MHz
15 @ 7.9 MHz
860 @ 100 MHz
300
0.64
260
Brown
ST336RAM152JRZ
1.5 @ 7.9 MHz
16 @ 7.9 MHz
1000 @ 100 MHz
225
0.74
250
Green
ST336RAM182JRZ
1.8 @ 7.9 MHz
16 @ 7.9 MHz
1360 @ 100 MHz
240
0.98
210
Blue
ST336RAM222JRZ
2.2 @ 7.9 MHz
15 @ 7.9 MHz
840 @ 50 MHz
90
0.98
190
Brown
ST336RAM272JRZ
2.7 @ 7.9 MHz
15 @ 7.9 MHz
1050 @ 50MHz
80
1.16
190
Violet
ST336RAM332JRZ
3.3 @ 7.9 MHz
15 @ 7.9 MHz
1670 @ 50 MHz
65
1.20
190
Gray
ST336RAM472JRZ
4.7 @ 7.9 MHz
14 @ 7.9 MHz
950 @ 25 MHz
40
1.50
170
Black
ST336RAM682JRZ
6.8 @ 7.9 MHz
14 @ 7.9 MHz
450 @ 10MHz
28
1.90
150
Brown
ST336RAM103JRZ
10 @ 2.5 MHz
14 @ 2.5 MHz
740 @ 10 MHz
18
2.20
130
Red
ST336RAM153JRZ
15 @ 2.5 MHz
13 @ 2.5 MHz
1300 @ 10MHz
15
4.25
90
Yellow
ST336RAM223JRZ
22 @ 2.5 MHz
13 @ 2.5 MHz
1620 @ 10 MHz
15
6.70
75
Green


Similar Part No. - ST336RAM681JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST336RAA COILCRAFT-ST336RAA Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST336RAA020JLZ COILCRAFT-ST336RAA020JLZ Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST336RAA030JLZ COILCRAFT-ST336RAA030JLZ Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST336RAA050JLZ COILCRAFT-ST336RAA050JLZ Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST336RAA060JLZ COILCRAFT-ST336RAA060JLZ Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST336RAM681JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com