Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST466PJD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # ST466PJD
Description  Coupled Inductors for Critical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST466PJD Datasheet(HTML) 3 Page - Coilcraft lnc.

  ST466PJD Datasheet HTML 1Page - Coilcraft lnc. ST466PJD Datasheet HTML 2Page - Coilcraft lnc. ST466PJD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ST466PJDSeriesCoupledInductors
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
5030 COUPLED INDUCTORS
Document ST757-3 Revised 09/06/12
Typical L vs Current
Typical Current Derating
Typical L vs Frequency
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
-55 -40
-20
0
0
Isat
Irms
1
10
100
1000
10000
0.1
1
100
10
Frequency (MHz)
100 µH
330 µH
1000 µH
33 µH
10 µH
3.3 µH
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)
100 µH
330 µH
1000 µH
33 µH
10 µH
3.3 µH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com