Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2643250402 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2643250402
Description  Broadband Frequencies 25-300 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2643250402 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2643250402 Datasheet HTML 1Page - Fair-Rite Products Corp. 2643250402 Datasheet HTML 2Page - Fair-Rite Products Corp. 2643250402 Datasheet HTML 3Page - Fair-Rite Products Corp. 2643250402 Datasheet HTML 4Page - Fair-Rite Products Corp. 2643250402 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2643250402
Printed: 2010-11-09
Part Number:
2643250402
Frequency Range: Broadband Frequencies 25-300 MHz (43 material)
Description:
43 SHIELD BEAD
Application:
Suppression Components
Where Used:
Board Component
Part Type:
EMI Suppression Beads
Preferred Part:
Mechanical Specifications
Weight:
1.200
(g)
Part Type Information
Fair-Rite offers a broad selection of ferrite EMI suppression beads with guaranteed minimum impedance specifications.
-Beads with a '1' as the last digit of the part number are not burnished. Parts that are burnished to break the sharp edges
have a '2' as the last digit.
-Upon request beads can be supplied with a Parylene coating. The last digit of the Parylene coated part is a '4'. The minimum
coating thickness beads is 0.005 mm (.0002'').
-The column 'H (Oe)' gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The
actual dc H field in the application is this value of 'H' times the actual NI (ampere-turn) product. For the effect of the
dc bias on the impedance of the bead material, see figures 18-23 in the application note
www.fair-rite.com/newfair/pdf/CUP%20Paper.pdf document for 'How to choose Ferrite Components for EMI Suppression.
-Suppression beads are controlled for impedances only. The impedances listed are typical values. Minimum impedance values are
specified for the + marked frequencies. The minimum guaranteed impedance is the listed typical impedance less 20%.
-Single turn impedance tests for 73 and 43 material beads are performed on the 4193A Vector Impedance Analyzer. The 61 material
beads are tested on the 4191A RF Impedance Analyzer. Beads are tested with the shortest practical wire length.
-Preferred beads are the suggested choice for new designs. Samples are readily available and orders have typically shorter lead
times than other beads. For any EMI suppression bead requirement not listed here, feel free to contact our customer service for
availability and pricing.
-The 'C' dimension, the bead length, can be modified to suit specific applications.
-Our 'Shield Bead Kit' (part number 0199000019) contains a selection of these beads.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade and last digit 1= not burnished, 2 = burnished and
4 = Parylene coated.


Similar Part No. - 2643250402

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643250402 FAIR-RITE-2643250402 Datasheet
1Mb / 2P
EMI Suppression Beads
2643250402 FAIR-RITE-2643250402_18 Datasheet
1Mb / 2P
EMI Suppression Beads
More results

Similar Description - 2643250402

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643000301 FAIR-RITE-2643000301 Datasheet
548Kb / 5P
Broadband Frequencies 25-300 MHz
2643000801 FAIR-RITE-2643000801 Datasheet
546Kb / 5P
Broadband Frequencies 25-300 MHz
2643001301 FAIR-RITE-2643001301 Datasheet
545Kb / 5P
Broadband Frequencies 25-300 MHz
2643002402 FAIR-RITE-2643002402 Datasheet
547Kb / 5P
Broadband Frequencies 25-300 MHz
2643003201 FAIR-RITE-2643003201 Datasheet
544Kb / 5P
Broadband Frequencies 25-300 MHz
2643004601 FAIR-RITE-2643004601 Datasheet
543Kb / 5P
Broadband Frequencies 25-300 MHz
2643004801 FAIR-RITE-2643004801 Datasheet
546Kb / 5P
Broadband Frequencies 25-300 MHz
2643022401 FAIR-RITE-2643022401 Datasheet
545Kb / 5P
Broadband Frequencies 25-300 MHz
2643023002 FAIR-RITE-2643023002 Datasheet
547Kb / 5P
Broadband Frequencies 25-300 MHz
2643300101 FAIR-RITE-2643300101 Datasheet
547Kb / 5P
Broadband Frequencies 25-300 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com